Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # B2S
Description  0.8AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

B2S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  B2S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH B2S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
B1S THRU B10S
VOLTAGE 100V ~ 1000V
0.8AMP Glass Passivated Bridge Rectifiers
MDS
FEATURES
. Rating to 1000 PRV
. Ideal for printed circuit board
. Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
. Lead tin plated copper
Dimensions in inches and (millimeters)
MECHANICAL DATA
. Polarity: Symbol molded on body
. Mounting position: Any
. Weight: 0.125 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
B1S
B2S
B4S
B6S
B8S
B10S
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output Current (Note1) @ Ta=40
IF(AV)
0.8
A
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
30
A
Maximum Forward Voltage @0.4A DC
VF
1.0
V
Maximum DC Reverse Current
5
(@TJ=25
)
at Rated DC Blocking Voltage per Element
IR
500
(@ TJ=125
)
µA
Typical Junction Capacitance
Per Element (Note2)
CJ
15
pF
Typical Thermal Resistance (Note3)
R JA
75
/W
Operating Temperature Range
TJ
-55 ~ +150
Storage Temperature Range
TSTG
-55 ~ +150
Notes:
1. Mounted on P.C. Board.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Ambient.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
.157(4.0)
.106(2.7)
2.75(7.0)
MAX.
.008(0.2)
MAX.
.106(2.7)
.193(4.9)
.031(0.8)
.141(3.6)
.090(2.3)
.090(2.3)
.177(4.5)
.023(0.6)
+
~
~
.118(3.0)
MAX.
.043(1.1)
.027(0.7)
.043(1.1)
.027(0.7)
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free.


Similar Part No. - B2S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B2S PANJIT-B2S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Bytes
B2S BYTES-B2S Datasheet
221Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
B2S DCCOM-B2S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B2S FORMOSA-B2S Datasheet
69Kb / 2P
Glass passivated type
logo
Comchip Technology
B2S COMCHIP-B2S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
More results

Similar Description - B2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB2S ETC2-MB2S Datasheet
192Kb / 2P
Single Phase 0.8AMP. Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
MB4F-08 PANJIT-MB4F-08 Datasheet
210Kb / 5P
SINGE PHASE 0.8AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1F DYELEC-RMB1F_17 Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2 DYELEC-RABS2_17 Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
MB05F SMCDIODE-MB05F Datasheet
344Kb / 5P
0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com