Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16S
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High-Speed Switching Applications
Lead Finish: 100% Matte Sn ( Tin )
Qualified Reflow Temperature: 260
℃
Extremely Small SOD-523 Package
MARKING: A6
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
75
V
Forward current
IF
200
mA
Pak forward surge current
IFM(surge)
500
mA
Total Device Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
635
℃/W
Junction and storage temperature
Tj ,Tstg
150
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
75
IR=100uA
VF1
715
IF=1mA
VF2
855
IF=10mA
VF3
1000
IF=50mA
Forward voltage
VF4
1250
mV
IF=150mA
Reverse recovery Time
trr
6.0
ns
IF=IR=10mAdc,RL=50Ω
Reverse current
IR
1.0
μA
VR=75V
Forward
recovery voltage
VFR
1.75
V
IF=10mA, tr= 20ns
Diode Capacitance
CD
2.0
pF
VR=0V,f=1MHZ
Stored charge
QS
45
pC
IF=10mA, VR=5.0V ,RL=500Ω
Any changing of specification will not be informed individua
BAS16S
Surface Mount Switching Diode
0.12±0.05
S OD-523
0.3±0.05
0.8±0.05
CATHODE MARK
0.6±0.1
Dimensions in millimeters
Elektronische Bauelemente
http://www.SeCoSGmbH.com
01-Jun-2007 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAS16S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS16S SIEMENS-BAS16S Datasheet
64Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Internal (galvanic) isolated Diodes in one package)
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
517Kb / 10P
Silicon Switching Diode
Dec-04-2003
BAS16S INFINEON-BAS16S Datasheet
1,015Kb / 21P
Silicon Switching Diode
2009-09-28
logo
Cystech Electonics Corp...
BAS16S3 CYSTEKEC-BAS16S3 Datasheet
163Kb / 4P
High -Speed switching diode
logo
Fairchild Semiconductor
BAS16SL FAIRCHILD-BAS16SL Datasheet
230Kb / 4P
Small Signal Diodes
More results

Similar Description - BAS16S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com