Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS04 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS04
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS04 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS04 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS04 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS40/-04/-05/-06
Surface Mount Schottky Barrier Diodes
22-Sept-2008 Rev.C
Page 1 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Turn-on Voltage
Low Forward Voltage
Very Low Capacitance
Less Than 5.0pF @ 0V
For high speed switching application,
circuit protection
MECHANICAL DATA
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
BAS40 Marking: 43
BAS40-04 Marking: 44
BAS40-05 Marking: 45
BAS40-06 Marking: 46
1
2
11
1
2
2
2
3
33
3
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
40
V
Forward Continuous Current
IF
200
mA
Single Forward Current, t≦10 ms
IFSM
600
mA
Thermal Resistance (Note 1)
Junction−to−Ambient (Note 2)
RθJA
508
311
°C/W
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PF
325
1.8
mW
mW / °C
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
V
IR = 10 μA
Reverse Current
IR
-
200
nA
VR = 30V
VF1
-
380
mV
IF = 1mA
Forward Voltage
VF2
-
1000
mV
IF = 40mA
Diode Capacitance
CTOT
-
5.0
pF
VR = 0, f=1MHz
Reverse Recovery Time
tRR
-
5
nS
IRR = 1 mA, IR=IF=10mA, RL=100Ω
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - BAS04

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAS04 KEXIN-BAS04 Datasheet
907Kb / 2P
Schottky Diodes
logo
SeCoS Halbleitertechnol...
BAS04T SECOS-BAS04T Datasheet
349Kb / 2P
Surface Mount Schottky Barrier Rectifiers
BAS04W SECOS-BAS04W Datasheet
241Kb / 2P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS04

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com