Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS70WS
Description  Schottky Diodes Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS70WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS70WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
l
BAS70WS
Schottky Diodes
Plastic-Encapsulate Diodes
* Fast Switching
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
SOD-323
FEATURES
MARKING: K73
* Low Turn-on Voltage
* Designed For Surface Mount Application
* PN Junction Guard For Transient And ESD Protection
* Plastic Material -- UL Recognition Flammability
Classification 94V-O
1.25
±0.1
CATHODE MARK
0.3
±0.05
- 0.15
+
0.2
0.95
0.2
A0.1
Dimensions in millimeters
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
C
Parameter
Symbol
Limits
Unit
o
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
70
V
Forward Continuous Current
IF
70
mA
Peak forward surge current @<1.0s
IFSM
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
K/W
Storage temperature
TSTG
-55 to +150
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
0.41
V
IF=1mA
Forward voltage
VF2
1
V
IF=15mA
Reverse current
IR
100
nA
VR=50V
Capacitance between terminals
CT
2
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
logo
SeCoS Halbleitertechnol...
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS_15 Datasheet
121Kb / 2P
Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
Plastic-Encapsulate Schottky Barrier Diodes
logo
Shenzhen Yixinwei Techn...
B5819W YIXIN-B5819W Datasheet
501Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com