Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54ST Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54ST
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54ST Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54ST Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54ST Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAT54T Series
BAT54T / BAT54AT / BAT54CT / BAT54ST
Surface Mount Schottky Barrier Diode
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
150
4.2
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
—
—
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
—
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (IF = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
—
0.35
0.40
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
—
—
5.0
ns
Forward Voltage (IF = 30 mAdc)
VF
—
0.41
0.50
Vdc
Forward Voltage (IF = 100 mAdc)
VF
—
0.52
1.00
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
200
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
400
mAdc
FEATURES
·
Case: SOT-523, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Weight: 0.004 grams (approx.)
·
Mounting Position: Any
MECHANICAL DATA
·
Ultra-Small Surface Mount Package
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
1
2
3
K
J
C
H
L
A
B S
G
V
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
BAT54T Marking: L1
BAT54AT Marking: L2
BAT54CT Marking: L3
BAT54ST Marking: L4
1
1
2
1
1
2
2
2
3
3
3
3
Dim
Min
Max
A
1.500
1.700
B
0.780
0.820
C
0.800
0.820
D
0.280
0.320
G
0.900
1.100
H
0.000
0.100
J
0.100
0.200
K
0.350
0.410
L
0.490
0.510
S
1.500
1.700
V
0.280
0.320
All Dimension in mm
SOT-523
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAT54ST

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Weitron Technology
BAT54ST WEITRON-BAT54ST Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54ST DIODES-BAT54ST Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Guangdong Kexin Industr...
BAT54ST KEXIN-BAT54ST Datasheet
35Kb / 1P
Switching Diode
logo
Galaxy Semi-Conductor H...
BAT54ST BILIN-BAT54ST Datasheet
178Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT54ST

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com