Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC635 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC635
Description  NPN Type Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC635 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC635 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC635 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BC635 / BC637 / BC639
NPN Type
Plastic Encapsulated Transistor
Elektronische Bauelemente
FEATURE
High current transistor
MAXIMUM RATINGS
(TA=25 C unless otherwise specified)
PARAMETERS
PARAMETERS
SYMBOL
TEST CONDITIONS
UNIT
SYMBOLS
VALUES
UNIT
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current - Continuous
Collector Power Dissipation
Junction, Storage Temperature
Collector - emitter breakdown voltage
Collector - emitter saturation voltage
Base - emitter voltage
Transition frequency
Collector cut-off current
Emitter cut-off current
DC current gain
o
o
ELECTRICAL CHARACTERISTICS
(TA=25 C unless otherwise specified)
o
VCEO
V(BR)CEO
VCE(sat)
VBE
f T
ICBO
IEBO
hFE(1)
hFE(2)
hFE(3)
BC635
BC637
BC639
BC635
BC637
BC639
BC635
BC635
IC=10mA, IB=0
VCB=30V, IE=0
VCE=2V, IC=5mA
VCE=2V, IC=150mA
VCE=2V, IC=500mA
IC=500mA, IB=50mA
VCE=2V, IC=500mA
VCE=5V, IC=10mA, f=50MHz
VEB=5V, IB=0
BC637
BC637-10/BC639-10
BC637-16/BC639-16
BC639
VCBO
VEBO
IC
PC
TJ,TSTG
V
V
V
V
V
V
TYP
100
MAX
0.1
0.1
0.5
1
250
160
250
MIN
45
60
80
25
40
63
100
25
V
V
MHz
V
V
V
V
A
µA
µA
W
C
o
45
60
80
45
60
100
5
1
0.625
150, -65 ~ 150
01-Jun-2002 Rev. A
Page 1 of 2
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46
+0.1
–0.1
0.43
+0.08
–0.07
13
2
1: Emitter
3: Base
2: Collector
1.25–0.2
+0.2
TO-92
BC635
40-250
BC637-10, BC639-10
63-160
BC637-16, BC639-16
100-250
RANK
RANGE
CLASSIFICATION OF hFE(2)
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
High Current Transistors
logo
NXP Semiconductors
BC635 PHILIPS-BC635 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC635 FAIRCHILD-BC635 Datasheet
55Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - BC635

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com