Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC547
Description  Elektronische Bauelemente
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC547 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC547 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC547 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC547 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BC546, B, C
1 2
TO-92
1. COLLECTOR
2. BASE
. EMITTER
1
2
3
3
2
1
3
3
Elektronische Bauelemente
BC547, A, B, C
BC548, A, B, C
FEATURES
Power dissipation
PCM:
0.625
W (Tamb=25
℃)
Collector current
ICM:
0.1
A
Collector-base voltage
VCBO:
BC546
80
V
BC547
50
V
BC548
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC546
BC547
BC548
VCBO
Ic= 100µA , IE=0
80
50
30
V
Collector-emitter breakdown voltage
BC546
BC547
BC548
VCEO
IC= 1mA , IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
6
V
Collector cut-off current
BC546
BC547
BC548
ICBO
VCB= 70V, IE=0
VCB= 50 V, IE=0
VCB= 30V, IE=0
0.1
µA
Collector cut-off current
BC546
BC547
BC548
ICEO
VCE= 60 V, IB=0
VCE= 45 V, IB=0
VCE= 30 V, IB=0
0.1
µA
Emitter cut-off current
BC546
BC547
BC548
IEBO
VEB= 5V, IC=0
0.1
µA
DC current gain
BC546
BC547
BC548
BC547A/548A
BC546B/BC547B/BC548B
BC546C/BC547C/BC548C
hFE(1)
VCE=5V, IC= 2mA
110
110
110
110
200
420
800
800
800
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100 mA, IB= 5mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= 100 mA, IB=5mA
1
V
Transition frequency
f T
VCE= 5V, IC= 10mA
f = 100MHz
150
MHz
NPN Transistpr
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547 PHILIPS-BC547 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC547 SEMTECH-BC547 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC547 SIEMENS-BC547 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC556 SECOS-BC556 Datasheet
313Kb / 3P
Elektronische Bauelemente
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com