Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB106 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB106
Description  1.0AMP Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB106 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB106 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB106 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
DB101 THRU DB107
VOLTAGE 50V ~ 1000V
1.0AMP Single Phase Bridge Rectifiers
DB103 DB104 DB105 DB106 DB107
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
A
A
V
mA
mA
DB101 DB102
UNITS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
1.0
50
10
500
-65
+150
-65
+125
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
1.1
.255(6.5)
.135(3.4)
.165(4.2)
.350(8.9)
.205(5.2)
.365(9.3)
.245(6.2)
.115(2.9)
.155(3.9)
.300(7.6)
.195(5.0)
.355(9.0)
.060
1.5
.020
(0.5)
+
~
~
DB-1
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - DB106

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB106 SURGE-DB106 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB106 RECTRON-DB106 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB106 BYTES-DB106 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB106 DCCOM-DB106 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
DB106 DIODES-DB106 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
More results

Similar Description - DB106

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB101 YANGJIE-DB101 Datasheet
264Kb / 2P
SINGLE PHASE 1.0AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MB105 SECOS-MB105 Datasheet
117Kb / 2P
1.0AMP Single Phase Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_11 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G Datasheet
128Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
DBL101G TSC-DBL101G Datasheet
131Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP101G LUGUANG-KBP101G Datasheet
178Kb / 2P
Single Phase 1.0AMP. Glass Passivatec Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_13 Datasheet
287Kb / 4P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
logo
Sangdest Microelectroni...
DB101 SMC-DB101 Datasheet
123Kb / 4P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
RMB1FU DYELEC-RMB1FU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com