Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124ECA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC124ECA
Description  NPN Digital Transistors (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC124ECA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DTC124ECA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC124ECA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
Absolute maximum ratings(Ta=25
℃)
Limits (DTC124E
)
Parameter
Symbol
E
UAKACA
SA
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10~40
V
IO
30
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.5
VCC=5V, IO=100µA
Input voltage
VI(on)
3
V
VO=0.2V, IO=5 mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
0.36
mA
VI=5V
Output current
IO(off)
0.5
µA
VCC=50V, VI=0
DC current gain
GI
56
VO=5V, IO=5mA
Input resistance
R1
15.4
22
28.6
K
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
250
MHz
VO=10V, IO=5mA, f=100MHz
Typical Characteristics
Electrical characteristic curves
DTC1
24EE/DTC124EUA/DTC124EKA
DTC1
24ECA/TC124ESA
NP
N Digital Transistors (Built-in Resistors)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com