Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFCHLAH Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFCHLAH
Description  Fused Coupler, Single Window, Low Loss,C or L Band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCHLAH Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFCHLAH Datasheet HTML 1Page - JDS Uniphase Corporation FFCHLAH Datasheet HTML 2Page - JDS Uniphase Corporation FFCHLAH Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insertion Loss
Coupling
Grade
Signal Path
Tap Path
Ratio
Insertion
WDL3
PDL4
TDL5
Insertion
WDL3
PDL4
TDL5
Loss1,2 (Min./Max.) Max.
Max.
Max.
Loss1,2 (Min./Max.) Max.
Max.
Max.
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
1%
P
NA/0.15
0.03
0.03
0.02
18.4/21.2
0.25
0.20
0.20
1%
A
NA/0.18
0.05
0.05
0.02
17.6/22.4
0.35
0.25
0.20
2%
P
NA/0.18
0.03
0.03
0.02
16.4/17.8
0.22
0.15
0.15
2%
A
NA/0.20
0.05
0.05
0.02
15.8/18.2
0.30
0.20
0.15
3%
P
NA/0.23
0.03
0.03
0.04
14.3/16.0
0.18
0.14
0.15
3%
A
NA/0.28
0.05
0.05
0.04
13.8/17.0
0.26
0.20
0.15
5%
P
NA/0.32
0.03
0.03
0.08
12.2/13.9
0.15
0.12
0.15
5%
A
NA/0.40
0.05
0.05
0.08
11.9/14.4
0.20
0.20
0.15
10%
P
NA/0.60
0.05
0.04
0.08
9.60/10.8
0.13
0.10
0.13
10%
A
NA/0.70
0.06
0.06
0.08
9.20/11.2
0.18
0.15
0.13
20%
P
NA/1.15
0.08
0.05
0.10
6.60/7.60
0.12
0.10
0.10
20%
A
NA/1.25
0.10
0.07
0.10
6.30/8.00
0.15
0.15
0.10
30%
P
NA/1.75
0.10
0.06
0.10
5.00/5.50
0.10
0.10
0.10
30%
A
NA/1.85
0.14
0.08
0.10
4.90/5.60
0.15
0.15
0.10
40%
P
NA/2.50
0.10
0.07
0.10
3.85/4.40
0.10
0.09
0.10
40%
A
NA/2.60
0.15
0.09
0.10
3.70/4.60
0.15
0.11
0.10
50%
P
2.8/3.20
0.10
0.08
0.10
2.80/3.20
0.10
0.08
0.10
50%
A
2.7/3.40
0.15
0.10
0.10
2.70/3.40
0.15
0.10
0.10
1. Tap ratio
≤ five percent, the Insertion Loss including WDL, PDL and TDL; Tap ratio > five percent, the Insertion Loss including WDL and PDL, not including TDL.
2. In 2x2 couplers with a coupling ratio of 20 percent or lower, insertion loss is not specified for launch through second input port (P4).
3. Change in insertion loss over the operating wavelength range.
4. Change in insertion loss over all input polarization states.
5. Change in insertion loss from –5 to 75°C. Guaranteed by design when tap ratio higher than five percent.
2
FUSED COUPLER, SINGLE WINDOW, LOW LOSS, C OR L BAND,
FFCH SERIES
Ф0.9
70
Ф3.56
2.0
Specifications in mm unless otherwise noted
Dimensions Diagrams
1x2 Models, L-Package
54
3.0
1x2 Models, S-Package



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com