Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNJ54GTL16612WD Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54GTL16612WD
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54GTL16612WD Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54GTL16612WD Datasheet HTML 1Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 2Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 3Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 4Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 5Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 6Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 7Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 8Page - Texas Instruments SNJ54GTL16612WD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
Electrical Characteristics
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted)
SN54GTL16612
SN74GTL16612
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(1)
MAX
MIN TYP(1)
MAX
VCC (3.3 V) = 3.15 V,
VIK
II = –18 mA
–1.2
–1.2
V
VCC (5 V) = 4.75 V
VCC (3.3 V) = 3.15 V to
VCC (3.3 V)
VCC (3.3 V)
3.45 V,
IOH = –100 µA
– 0.2
– 0.2
VCC (5 V) = 4.75 V to 5.25 V
VOH
A port
V
IOH = –8 mA
2.4
2.4
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
IOH = –32 mA
2
2
IOL = 100 µA
0.2
0.2
IOL = 16 mA
0.4
0.4
VCC (3.3 V) = 3.15 V,
A port
VCC (5 V) = 4.75 V
IOL = 32 mA
0.5
0.5
VOL
V
IOL = 64 mA
0.6
0.55
VCC (3.3 V) = 3.15 V, VCC (5 V) = 4.75 V,
B port
0.5
0.4
IOL = 40 mA
Control
VCC (3.3 V) = 0 or 3.45 V,
VI = 5.5 V
10
10
inputs
VCC (5 V) = 0 or 5.25 V
VI = 5.5 V
1000
20
VCC (3.3 V) = 3.45 V,
A port
VI = VCC (3.3 V)
1
1
II
µA
VCC (5 V) = 5.25 V
VI = 0
–30
–30
VI = VCC (3.3 V)
5
5
VCC (3.3 V) = 3.45 V,
B port
VCC (5 V) = 5.25 V
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
1000
100
µA
VI = 0.8 V
75
75
VCC (3.3 V) = 3.15 V,
VI = 2 V
–75
–75
II(hold)
A port
µA
VCC (5 V) = 4.75 V
VI = 0 to VCC
±500
±500
(3.3 V)(2)
A port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 3 V
1
1
IOZH
µA
B port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 1.2 V
10
10
A port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 0.5 V
–1
–1
IOZL
µA
B port
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V, VO = 0.4 V
–10
–10
Outputs high
1
1
VCC (3.3 V) = 3.45 V,
ICC
A or B
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
5
5
mA
(3.3 V) port
VI = VCC (3.3 V) or GND
Outputs disabled
1
1
Outputs high
120
120
VCC (3.3 V) = 3.45 V,
ICC
A or B
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
120
120
mA
(5 V)
port
VI = VCC (3.3 V) or GND
Outputs disabled
120
120
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V,
∆I
CC
(3)
A-port or control inputs at VCC (3.3 V) or GND,
1
1
mA
One input at 2.7 V
Control
Ci
VI = 3.15 V or 0
3.5
12
3.5
pF
inputs
A port
12
18
12
Cio
VO = 3.15 V or 0
pF
B port
10
5
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com