Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A335R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A335R
Description  Compact, Regulated, 3W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A335R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A335R Datasheet HTML 1Page - MicroPower Direct, LLC A335R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Leads are tin plated for improved solderability.
Notes:
1. When measuring output ripple, it is recommended that an external 0.33 μF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units. For noise sensitive applications, the use
of 1.5 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of
50% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the
output common.
5. The converter should be connected to a low ac-impedance source. An input source with
a highly inductive impedance may affect the stability of the converter. In applications
where the converter output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz) capacitor be
mounted close to the converter. For 5V input units a 2.2 μF is recommended, for 12V
input units, a 1.0 μF; and for 24V & 48V units a 0.47 μF.
6. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Pin Connections
Single Output
Dual Output
470 μF Max
±220 μF Max
Capacitive Load
Pin
Single
Dual
1, 24
+Vin
+Vin
2, 23
NC
-Vout
3, 22
NC
Common
10, 15
-Vout
Common
11, 14
+Vout
+Vout
12, 13
-Vin
-Vin
NC: No Connection
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A301R
5
4.5 - 5.5
1,000
100
100
5.0
600
0.0
60
1,500
A302R
5
4.5 - 5.5
960
100
100
12.0
250
0.0
62
1,500
A303R
5
4.5 - 5.5
960
100
100
15.0
200
0.0
62
1,500
A304R
5
4.5 - 5.5
1,000
100
100
±12.0
±125
±0.0
60
1,500
A305R
5
4.5 - 5.5
1,000
100
100
±15.0
±100
±0.0
60
1,500
A311R
12
10.8 - 13.2
420
50
40
5.0
600
0.0
60
700
A312R
12
10.8 - 13.2
400
50
40
12.0
250
0.0
62
700
A313R
12
10.8 - 13.2
400
50
40
15.0
200
0.0
62
700
A314R
12
10.8 - 13.2
420
50
40
±12.0
±125
±0.0
60
700
A315R
12
10.8 - 13.2
420
50
40
±15.0
±100
±0.0
60
700
A321R
24
21.6 - 26.4
210
25
25
5.0
600
0.0
60
350
A322R
24
21.6 - 26.4
195
25
25
12.0
250
0.0
64
350
A323R
24
21.6 - 26.4
195
25
25
15.0
200
0.0
64
350
A324R
24
21.6 - 26.4
210
25
25
±12.0
±125
±0.0
60
350
A325R
24
21.6 - 26.4
210
25
25
±15.0
±100
±0.0
60
350
A331R
48
43.2 - 52.8
105
15
10
5.0
600
0.0
60
135
A332R
48
43.2 - 52.8
100
15
10
12.0
250
0.0
62
135
A333R
48
43.2 - 52.8
100
15
10
15.0
200
0.0
62
135
A334R
48
43.2 - 52.8
105
15
10
±12.0
±125
±0.0
60
135
A335R
48
43.2 - 52.8
105
15
10
±15.0
±100
±0.0
60
135
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com