Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A313RUI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A313RUI
Description  3W, Ultra-Wide Input High Isolation DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A313RUI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A313RUI Datasheet HTML 1Page - MicroPower Direct, LLC A313RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
4:1 Input Range
3.5 kVDC I/O Isolation
3W Output Power
Single & Dual Outputs
Tight Line/Load Regulation
Low Cost
Electrical Specifications
Specifications typical @ +251C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
4.5
6.0
8.5
VDC
48 VDC Input
8.5
12.0
17.0
Input Filter
π (Pi) Filter
Short Circuit Input Power
2,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
!0.5
!1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
!0.5
!1.0
%
Line Regulation
Vin = Min to Max
!0.2
!0.5
%
Load Regulation
Iout = 10% to 100%
!0.2
!0.5
%
Ripple & Noise (20 MHz)
60
mV P - P
Output Power Protection
120
%
Transient Recovery Time (Note 1)
25% Load Step Change
150
500
µSec
Transient Response Deviation
!2.0
%
Temperature Coefficient
!0.01
!0.02
%/1C
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,500
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
390
pF
Leakage Current
1.0
mA
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+85
1C
Storage Temperature Range
-40
+125
1C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
90
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Metal with Non-Conductive Base
Weight
0.74 Oz (21g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 251C, Gnd Benign
950
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Internal Power Dissipation
All Models
2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower
Direct
3W, Ultra-Wide Input
High Isolation
DC/DC Converters
A300RUI Series
MicroPower Direct
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
WEB: www/micropowerdirect.com


Similar Part No. - A313RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A313RU MPD-A313RU Datasheet
187Kb / 2P
Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A313RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI300ARUI8 MPD-MHI300ARUI8 Datasheet
524Kb / 2P
Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
MHI300ARWI8 MPD-MHI300ARWI8 Datasheet
666Kb / 3P
Wide Input, 3W DIP Ultra-High Isolation DC/DC Converters
logo
Toppower Electronic Tec...
TP03AL TOPPOWER-TP03AL Datasheet
238Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
3W 3KVAC Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
Toppower Electronic Tec...
TP03AL220S15LSW TOPPOWER-TP03AL220S15LSW Datasheet
828Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC_19 TOPPOWER-TP03AC_19_05 Datasheet
713Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com