Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ3C2 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # HZ3C2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HZ3C2 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  HZ3C2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HZ3C2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH HZ3C2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH HZ3C2 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH HZ3C2 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
HZ xx Series
VOLTAGE 1.6 ~ 38 V, 500 mW
Silicon Planar Zener Diode
for Stabilized Power Supply
01-June-2003 Rev. B
Page 2 of 5
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)
*1
Test
Condition
IR (uA)
Test
Condition
RD (Ω)
Test
Condtion
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
A1
3.4
3.6
A2
3.5
3.7
A3
3.6
3.8
B1
3.7
3.9
B2
3.8
4.0
B3
3.9
4.1
C1
4.0
4.2
C2
4.1
4.3
HZ4
C3
4.2
4.4
5
5
1.0
100
5
A1
4.3
4.5
A2
4.4
4.6
A3
4.5
4.7
B1
4.6
4.8
B2
4.7
4.9
B3
4.8
5.0
C1
4.9
5.1
C2
5.0
5.2
HZ5
C3
5.1
5.3
5
5
1.5
100
5
A1
5.2
5.5
A2
5.3
5.6
A3
5.4
5.7
B1
5.5
5.8
B2
5.6
5.9
B3
5.7
6.0
C1
5.8
6.1
C2
6.0
6.3
HZ6
C3
6.1
6.4
5
5
2.0
40
5
A1
6.3
6.6
A2
6.4
6.7
A3
6.6
6.9
B1
6.7
7.0
B2
6.9
7.2
B3
7.0
7.3
C1
7.2
7.6
C2
7.3
7.7
HZ7
C3
7.5
7.9
5
1
3.5
15
5
Note: 1. Tested with DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com