Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFCRF5L2 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFCRF5L2
Description  Fused Coupler, Single Window, 980 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCRF5L2 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFCRF5L2 Datasheet HTML 1Page - JDS Uniphase Corporation FFCRF5L2 Datasheet HTML 2Page - JDS Uniphase Corporation FFCRF5L2 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insertion Loss
Coupling Ratio
Grade
Signal Path
Tap Path
Insertion Loss1,2 (Min./Max.)
TDL Max.
Insertion Loss1,2 (Min./Max.)
TDL Max.
(dB)
(dB)
(dB)
(dB)
1%
P
NA/0.15
0.02
18.4/21.5
0.20
1%
A
NA/0.20
0.02
15.0/22.0
0.20
5%
P
NA/0.40
0.08
11.3/14.8
0.15
5%
A
NA/0.50
0.08
11.0/15.2
0.15
10%
P
NA/0.65
0.08
9.00/11.5
0.13
10%
A
NA/0.75
0.08
8.50/11.8
0.13
20%
P
NA/1.40
0.10
5.60/8.40
0.10
20%
A
NA/1.50
0.10
5.40/8.60
0.10
30%
P
NA/2.00
0.10
4.10/6.40
0.10
30%
A
NA/2.20
0.10
4.00/6.50
0.10
40%
P
NA/2.60
0.10
3.20/4.70
0.10
40%
A
NA/2.80
0.10
3.10/4.80
0.10
50%
P
2.60/3.40
0.10
2.60/3.40
0.10
50%
A
2.50/3.60
0.10
2.50/3.60
0.10
1. Insertion loss over operating wavelength range (not including PDL or connector losses).
2. In 2x2 couplers with a coupling ratio of 20 percent or lower, insertion loss is not specified for launch through second input port (P4).
2
FUSED COUPLER, SINGLE WINDOW, 980 NM FFCR SERIES
Ф0.9
70
Ф3.56
2.0
Specifications in mm unless otherwise noted
Dimensions Diagrams
1x2 Models, L-Package
54
3.0
1x2 Models, S-Package



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com