Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LGAB1 Datasheet(PDF) 13 Page - JDS Uniphase Corporation

Part # JXP-01LGAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LGAB1 Datasheet(HTML) 13 Page - JDS Uniphase Corporation

Back Button JXP-01LGAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 14Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 15Page - JDS Uniphase Corporation JXP-01LGAB1 Datasheet HTML 16Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Feature
Test Method
Performance
Component safety
UL 60950
UL Certificate
UL94-V0
UL Certificate
EN 60950
TUV Report/Certificate (CB Scheme)
RoHS-compliance
Directive 2002/95/EC
Compliant per the Directive 2002/95/EC of the European
Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in
electrical and electronic equipment.
Laser eye safety
EN 60825
TUV Certificate
U.S. 21CFR (J) 1040.10
CDRH compliant and Class 1 laser safe.
ElectromagneticCompatibility
Electromagnetic emissions
EMC Directive 89/336/EEC
Noise frequency range: 30 MHz to 40 GHz.
FCC CFR47 Part 15
Good system EMI design practice required
IEC/CISPR 22
to achieve Class B margins.
AS/NZS CISPR22
EN 55022
ICES-003, Issue 4
VCCI-03
Electromagnetic immunity
EMC Directive 89/336/EEC
IEC /CISPR/24
EN 55024
ESDimmunity
EN61000-4-2
Exceedsrequirements.Withstandsdischargesof;
8 kV contact, 15 kV air
Radiated immunity
EN 61000-4-3
Exceeds requirements. Field strength of 10 V/m RMS,
from 10 MHz to 1 GHz. No effect on transmitter/receiver
performance is detectable between these limits.
Table 2 Regulatory Compliance
3.11 Regulatory Compliance
The 10 Gbps 1310 nm multiprotocol XFP optical transceiver is lead-free and RoHS
6/6 compliant per Directive 2002/95/EC of the European Parliament and of the
Council of 27 January 2003 on the restriction of the use of certain hazardous sub-
stances in electrical and electronic equipment.
The JDSU 10 Gbps 1310 nm multiprotocol XFP optical transceiver complies with
international electromagnetic compatibility (EMC) and international safety re-
quirements and standards. EMC performance is dependent on the overall system
design. Information included herein is intended as a figure of merit for designers
to use as a basis for design decisions.
3.12
PCB layout
Recommended PCB layout is given in XFP MSA INF8077i Rev. 4.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com