Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1048FS Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # AD1048FS
Description  Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD1048FS Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  AD1048FS Datasheet HTML 1Page - MicroPower Direct, LLC AD1048FS Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AD1048FS Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
100
240
VAC
127
370
VDC
Input Frequency
47
63
Hz
Inrush Current, Cold Start
110 VAC
22
A
220 VAC
44
A
Leakage Current
264 VAC
1.8
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
%
Output Voltage Adjustment Range
±10.0
%
Line Regulation
Vin = Min to Max
±1.0
%
Load Regulation (Note 1)
Iout = 20% to 100%
±1.0
%
Hold Time
110 VAC, Full Load
10
mSec
220 VAC, Full Load
20
Ripple & Noise (20 MHz) (Note 2)
See Model Selection Guide
Output Power Protection
Power Limit
130
160
%
Transient Recovery Time (Note 3)
50% Load Change
2mS
Transient Response Deviation
5
%
Temperature Coefficient
±0.04
±0.05
%/ºC
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input - Output
3,000
VAC
Input - FG (Frame Ground)
2,000
Output - FG (Frame Ground)
500
Isolation Resistance (Note 4)
500 VDC
100
M
Ω
Switching Frequency
Fixed
66
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-20
+25
+50
ºC
Storage Temperature Range
-20
+85
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Vibration
10 Hz ~ 2 kHz; 2G 10 min./1 Cycle; X, Y, Z axis each 1 hour
Physical
Case Size
3.54 x 2.54 x 1.77 Inches (90.0 x 64.5 x 44.0 mm)
Case Material
Plastic
Connection
Screw Terminal
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
170
kHours
Safety Standards
UL 1950, EN 60950, IEC 60950
EMI Compliance
Compliance to EN55011, EN55022 (CISPR22) Class B
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11 Level 3
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
New Industrial
Supplies!!
Key Features:
• 36W - 48W Output Power
• DIN Rail Mountable
• Universal AC Input
• UL 508 Compliant
• EN60950 Compliant
• 12, 15, 24 & 48 VDC Outputs
• Cond./Rad. EMI Class B
• >170 kH MTBF
• LOW COST!
Very Low Cost, 36 - 48W
DIN Rail Mount
Single Output
AC/DC Power Supplies
RoHS Compliant
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - AD1048FS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1048F MPD-AD1048F_14 Datasheet
321Kb / 2P
AD1048FS Series
More results

Similar Description - AD1048FS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1024F MPD-AD1024F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1072F MPD-AD1072F Datasheet
292Kb / 2P
Very Low Cost, 72W DIN Rail Mount Single Output AC/DC Power Supplies
AD2360C MPD-AD2360C Datasheet
290Kb / 2P
Very Low Cost, 360W DIN Rail Mount Dual Output AC/DC Power Supplies
DR-45 MPD-DR-45 Datasheet
122Kb / 2P
Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
DR-120 MPD-DR-120 Datasheet
118Kb / 2P
Low Cost, Industrial 120W, DIN Rail Mount AC/DC Power Supplies
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
DRT-240 MPD-DRT-240 Datasheet
119Kb / 2P
Low Cost, Three-Phase 240W, DIN Rail Mount AC/DC Power Supplies
DRT-960 MPD-DRT-960 Datasheet
115Kb / 2P
Low Cost, Three-Phase 960W, DIN Rail Mount AC/DC Power Supplies
MDR-24S MPD-MDR-24S Datasheet
353Kb / 2P
Low Cost, 24W DIN Rail Mount Single Output AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com