Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFS-R57C6 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFS-R57C6
Description  Fused Coupler, Visible Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFS-R57C6 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFS-R57C6 Datasheet HTML 1Page - JDS Uniphase Corporation FFS-R57C6 Datasheet HTML 2Page - JDS Uniphase Corporation FFS-R57C6 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
LC is a registered trademark of Lucent Technologies.
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FFS-G32K31A10 (Fused Fiber Speciality Coupler, 532 nm, 50/50 coupling ratio, regular housing, 1x2, A grade, 1 m
pigtails, no connectors)
FUSED COUPLER, VISIBLE LIGHT
1. Other coupling ratio are available. Please contact JDSU
for ordering codes of coupling ratios not listed.
2. Connectors may be fitted to housing types 4, 5 and 6. For
connectorisation of housing type 3, please contact JDSU
sales office.
3. 1x2 couplers for blue wavelengths (i.e. <500 nm) are
supplied as a 2x2 with an external termination on port P4.
4. Minimum pigtail length. Other pigtail lengths are available
on request. When the pigtail has been modified to include
a connector, pigtail length measurment includes the
connector end face.
5. Excess loss in specification table does not include
connector losses.
6. LC connector is not available for housing code 6, fully
ruggedised housing.
Code
Housing2
3Regular
4
Ø 0.9 mm slim
5
Ø 0.9 mm
semi-ruggedised
6
Ø 3.0mm fully
ruggedised
Code
Configuration3
11x2
22x2
Code
Wavelength
(Second and
Third Digit)
Examples:
33
x33 nm
32
x32 nm
57
x57 nm
Code
Wavelength
(First Digit)
R6xx nm (red)
G5xx nm (green)
B4xx nm (blue)
FFS-
Code
Coupling Ratio1
A
10%
C
20%
E
30%
H
40%
K
50%
Code
Pigtail Length4
00.5 meter
11 meter
Code
Connectors2,5
0None
1FC/PC
3FC/APC
5SC/APC
9
FC/UPC
ASC/UPC
BLC6
Code
Grade
AGrade A
BGrade B
Specifications
Parameter
Specification
Operating wavelength range
Specified wavelength within the range of 450 to 700 nm
Operating temperature range1
-40 to 75 °C
Storage temperature range
-40 to 85 °C
Fiber type
Short wavelength speciality fiber
1. For connectorised component, operating temperature range is -5 to 75 °C.
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 21027806 Rev. 003 10/05 FFSVL.DS.CC.AE
March 2007



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com