Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # LS4148
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LS4148 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  LS4148 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH LS4148 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
Surface Mount Switching Diode
S4148
L
trr
nS
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PAR AME T E R
CONDITIONS
S Y MB OL
MIN.
TY P.
MAX.
UNIT
Repetitive peak reverse v oltage
VRM
V
Continuous reverse voltage
VR
V
Mean rectifying current
IO
mA
Forw ard surge current
1 sec. s ingle half sine-w ave superimposed on
rate load (JEDEC methode)
IFSM
mA
Power dissipation
Pd
mW
Storage temperature
TJ
oC
Operating temperature
TSTG
oC
ELECTRICAL CHARACTERISTICS (AT TA=25oC unless otherwise noted)
PAR AME T E R
CONDITIONS
S Y MB OL
MIN.
TY P.
MAX.
UNIT
Forw ard voltage
IF=
mA DC
VF
V
Reverse current
VR = 75 V
IR
uA
Capacitance betw een terminals
f=1MHz and applied 0VDCreverse voltage
CT
pF
Reverse rec overy time
VR=6V, IF=10mA, RL=50
http: //www.SeCoSGmbH.com
surface
Elektr onische Bauelemente
Features
Designed for mounting on small
High speed
Quadro MELF
Dimensions in mm
High mounting capability,strong surge withstand,
high reliability
Mechanical Data
Case: Quadro MELF Molded Glass
Terminals : Solder plated,solderable per MIL-STD-750
Method 2026
Polarity : Indicated by Cathode band
Mounting Position: Any
-6 5
+ 175
+ 175
500
500
150
75
100
0.93
0.02
1.00
5
4
4
10
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com