Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFS-R32E6 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFS-R32E6
Description  Fused Coupler, Visible Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFS-R32E6 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFS-R32E6 Datasheet HTML 1Page - JDS Uniphase Corporation FFS-R32E6 Datasheet HTML 2Page - JDS Uniphase Corporation FFS-R32E6 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Note: 1x2 couplers for blue wavelengths (i.e. <500 nm) are supplied as 2x2 with an
external termination on port P4. )
Configuration
2
FUSED COUPLER, VISIBLE LIGHT
Insertion Loss
Coupling Ratio1
Grade2
Available Housing Option
Available Wavelength(s) Coupling Ratio Tolerance Excess Loss3
10%
A
3, 4, 5, 6
90/10
±2%
0.3 dB
10%
B
3, 4, 5, 6
90/10
±3%
0.5 dB
20%
A
3, 4, 5, 6
80/20
±3%
0.3 dB
20%
B
3, 4, 5, 6
80/20
±4%
0.5 dB
30%
A
3, 4, 5, 6
70/30
±3%
0.3 dB
30%
B
3, 4, 5, 6
70/30
±4%
0.5 dB
40%
A
3, 4, 5, 6
60/40
±4%
0.3 dB
40%
B
3, 4, 5, 6
60/40
±5%
0.5 dB
50%
A
3, 4, 5, 6
50/50
±5%
0.3 dB
50%
B
3, 4, 5, 6
50/50
±6%
0.5 dB
1. Other coupling ratio are available. Please contact JDSU for specifications of coupling ratios not listed.
2. In 2x2 couplers performance is not specified for launch through second input port P4 (colored blue)
3. Includes fiber losses for up to 1 m pigtail length. Does not include connector losses.
1x2
2x2
P4 (Blue)
P1 (Red) COMMON (Input)
P2 (Blue) SIGNAL (Input)
P3 (Red) TAP (Output)
P1 (Red) COMMON (Input)
P2 (Blue) SIGNAL (Input)
P3 (Red) TAP (Output)
Housing Option
Housing Code
Description
1x2, 2x2 Dimensions (mm)
Pigtail
3
Regular
3.0 (Ø) x 55 (L)
Primary coated fiber
4
Ø 0.9 mm slim
3.0 (Ø) x 76 (L)
0.9 mm loose tube
5
Ø 0.9 mm semi-ruggedized
5.0 (Ø) x 85 (L)
Ø 0.9 mm loose-tube
5
Ø 3.0 mm fully-ruggedised
80 (L) x 10 (W) x 8 (H)
3.0 mm fan-out sleeving



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com