Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFCR5AS2 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFCR5AS2
Description  Fused Coupler, Single Window, 980 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCR5AS2 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFCR5AS2 Datasheet HTML 1Page - JDS Uniphase Corporation FFCR5AS2 Datasheet HTML 2Page - JDS Uniphase Corporation FFCR5AS2 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: FFCR51H1PN510
FUSED COUPLER, SINGLE WINDOW, 980 NM FFCR SERIES
Code
Coupling Ratio
11%
55%
A
10%
C
20%
E
30%
H
40%
K
50%
Code
Configuration
01x1 (attenuator)
11x2
22x2
Code
Grade
AGrade A
PGrade P
Code
Passband
Wavelength
5
980 nm
8
1060 nm
F
960 nm
FFCR
Code
Housing
H
Ø 3.0 mm cable
L
Ø 900 µm fiber
S
Ø 250 µm fiber
Code
Fiber Type
2
Lucent BFO5635-02
5
Corning Hi 1060 Flex
Code
Connectors
0None
1FC/PC
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
6BICONIC
7D4
8
ST
9FC/UPC
A
SC/UPC
BLC
C
MU
N
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162509 000 0908
FFCR.DS.CC.AE
September 2008
Hi 1060 Flex is a registered trademark of Corning Incorporated. LC and ST are registered trademarks of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Specifications
Parameter
960 nm
980 nm
1060 nm
Operating wavelength range1
955 to 965 nm
975 to 985 nm
1055 to 1065 nm
Return loss/directivity
Minimum
55 dB
Pigtail tensile load
Maximum
5 N
Optical Power handling
Maximum
4 W
Operating temperature range
-5 to 75°C
Storage temperature range
-40 to 85°C
Environmental qualification
Telcordia GR-1221
Package dimensions
S package (D x L)
3.0 x 54 mm
L package (D x L)
3.6 x 70 mm
H package (L x W x H)
85 x 17.8 x 7.5 mm
1. For wavelength within ±5 nm of the operating wavelength range, the worst-case changes in insertion loss and WDL are shown as follows:
Tap ratio = 1%, maximum insertion loss and WDL increase = 0.65 dB.
Tap ratio = 5%, maximum insertion loss and WDL increase = 0.50 dB.
Tap ratio = 10%, maximum insertion loss and WDL increase = 0.40 dB.
Tap ratio = 50%, maximum insertion loss and WDL increase = 0.20 dB.
Code
Pigtail Length
00.5 m
11 m
22 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com