Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD23602C Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # AD23602C
Description  Very Low Cost, 360W DIN Rail Mount Dual Output AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD23602C Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  AD23602C Datasheet HTML 1Page - MicroPower Direct, LLC AD23602C Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Rated
Power
(W)
Input
Output
Overvoltage
Protection
(VDC)
Ripple &
Noise
(mV p-p)
Efficiency
(%, Typ)
Voltage (VAC)
Current (A)
Voltage
(VDC)
Current (A)
Max)
Current (A)
Range
Universal Range 115 VAC 230 VAC
AD23601C
360
100 - 240
1.0
0.5
+12 (V1)
28.0
0 ~ 28.0
14 ~ 16
100
78
+5 (V2)
3.0
0 ~ 3.0
N/A
50
AD23602C
360
100 - 240
1.0
0.5
+24 (V1)
14.0
0 ~ 14.0
27 ~ 30
150
80
+5 (V2)
3.0
0 ~ 3.0
N/A
50
AD23603C
360
100 - 240
1.0
0.5
48 (V1)
7.0
0 ~ 7.0
52 ~ 56
250
80
+5 (V2)
3.0
0 ~ 3.0
N/A
50
Notes:
1. Load regulation is specified for a load change
of 20% to 100%. For models AD23601C, load
regulation for V1 (12V) is ±2%
2. Ripple & noise is measured using equipment with
20 Mhz of bandwidth with the unit under test
operating at rated load and a 110 VAC input.
Connection to the unit is made with a 0.1 μF /
630V metalized capacitor & a 47 μF electrolytic
capacitor connected in parallel.
3. Transient recovery is measured to within a 1%
error band for a load step change of 50% to
100%.
4. Isolation resistance is given for Input/Output and
Input/FG. For Output/FG., it is 50 M
Ω
5. Overload protection is power limiting. The
unit recovers automatically when the fault is
removed.
6. Over voltage protection is a shut down type.
The unit recovers automatically when the fault
is removed.
7. To mount the unit to the DIN rail, tilt the unit
rearwards from the top, fitting the mount over
the top of the rail. Press back on the bottom front
of the unit until it locks in place on the rail. To
remove the unit from the rail, pull the removal
clip at the bottom rear of the unit downward
with a screw driver. With the clip down, lift up
on the unit from the bottom front until it clears
the rail. Before installation or removal all wiring
should be disconnected and the main power to
the system shut off.
8. When wiring the supply, all lines should be as
thick and short as possible. AWG 14 wire is recom-
mended for the AD2360C series.
9. The units should be mounted so they are vertically
orientated. Air flow (if provided) would optimally
flow from the bottom to the top of the unit.
10. It is recommended that a fuse be used on the
input of a power supply for protection. For
the AD2360C series a 250VAC 5.0A is recom-
mended.
Connections TB 1
Pin
Function
1
FT (Optional)
2
FT (Optional)
3+V2 (5V) Output
4
Output Common
5
Output Common
6+V1 Output
7+V1 Output
Connections TB 2
Pin
Function
1
AC Input - Live
2
AC Input - Neutral
3
Frame Ground (FG
Units with the optional “FT” outputs may be
easily connected for “Fault Tolerant operation.
Contact the factory for details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com