Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB105 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB105
Description  1.0AMP Single Phase Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB105 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB105 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB105 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MB105 THRU MB107
VOLTAGE 600V ~ 1000V
1.0AMP Single Phase Surface Mount Bridge Rectifier
s
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Apr.-2005 Rev. A
Page 1 of 2
Unit : mm
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
MB105
600
MB107
1000
MB106
800
V
IF(AV)
A
IFSM
A
Tj
TSTG
30
-55 to +150
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
1.0
Repetitive peak reverse voltage
Storage temperature Range
Case : MB
* Internal constructure with GPRC (glass passivated rectifier chip) inside
* RoHS Compliant Lead-Free Product
* Lead less chip form , no lead damage
* Lead-free solder joint , no wire bond & lead frame
* Low power loss , High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* AC/DC Power Supply
* Communication Equipment
APPLICATION
* 5,000 pieces per 13" (3308mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.07 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
oC
Electrical characteristics (Ta = 25
o
C)
VF
IF = 0.4A
IF = 1.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
-
0.87
0.95
0.90
1.00
Max.
Unit
Forward voltage
-
110
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
15
-
Rth(JL)
Junction to lead (NOTE)
pF
-
25
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.08
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
3.74
-
-
A
2
s
I2t
Current squared time
t < 8.3ms , Ta = 25
oC
NOTES :
Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
MARKING :
Series code
Voltage class
MBCR
10
~
~
Amps class
Last digit of the year
MFG week
3.30 ± 0.05
1.2 ± 0.1
0.90 ± 0.05
R(0
.2)
5.30 ± 0.1
4.10 ± 0.1
1.10 ± 0.1
Monting Pad Layout
~
~
A suffix of “-C” specifies halogen-free.


Similar Part No. - MB105

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB105 SECOS-MB105 Datasheet
213Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
MB105F PACELEADER-MB105F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
MB105F JUXING-MB105F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
MB105F JUXING-MB105F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Shanghai Leiditech Elec...
MB105F LEIDITECH-MB105F Datasheet
705Kb / 3P
Surface Mount Flat Bridge Rectifiers
More results

Similar Description - MB105

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101 Datasheet
206Kb / 2P
1.0AMP Single Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G Datasheet
128Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP101G LUGUANG-KBP101G Datasheet
178Kb / 2P
Single Phase 1.0AMP. Glass Passivatec Bridge Rectifiers
logo
DIYI Electronic Technol...
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-B CITC-AB102S-B Datasheet
227Kb / 4P
Single Phase 1.0AMP Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com