Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V0 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z2V0
Description  Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z2V0 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z2V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z2V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z2V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
. RoHS Compliant
. Standard Zener Breakdown Voltage Range -2.0V to 75V
. Steady State Power Rating of 200 mW
. Small Body Outline Dimensions: 1.7 mm x 1.25 mm
. Low Body Height: 0.9 mm
. Package Weight: 4.507 mg/unit
. ESD Rating of Class 3 (>16 KV) per Human Body Model
Mechanical Data
. Case: SOD-323, Void-free, transfer-molded plastic
. Finish: All external surfaces are corrosion resistant
. Maximum Case Temperature For Soldering Purposes: 260
for 10 Seconds
. Polarity: Cathode indicated by polarity band
. Flammability Rating: UL94 V–0
. Mounting Position: Any
Outline
SOD-323 (SC-76)
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
0°
8°
All Dimensions in mm
Typical Characteristics
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B
C
D
E
G
H
J
80
VZ, NOMINAL ZENER VOLTAGE
Figure 1. Effect of Zener Voltage on
Zener Impedance
10
3.0
1000
100
10
1.0
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
VF, FORWARD VOLTAGE (V)
Figure 2. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1.0
150
°C
75
°C 25°C
0
°C
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com