Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448TC Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD4448TC
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD4448TC Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD4448TC Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD4448TC Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBD4448T Series
Plastic-Encapsulated Switching Diode
01-Jun-2008 Rev. A
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast switching speed
For general purpose switching applications
High conductance
MARKING
Part
Name
MMBD4448T
MMBD4448TA
MMBD4448TC
MMBD4448TS
Marking
A3
A6
A7
A8
Circuit
ABSOLUTE MAXIMUM RATINGS (Single Diode @ Ta = 25°C)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
4.0
1.5
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
℃
/ W
Storage Temperature
TSTG
-65 ~ 150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
VR
80
-
V
IR = 2.5 µA
VF1
0.62
0.720
V
IF = 5.0 mA
VF2
-
0.855
V
IF = 10 mA
VF3
-
1.00
V
IF = 100 mA
Forward Voltage (Note 2)
VF4
-
1.25
V
IF = 150 mA
-
0.10
µA
VR = 70 V
Peak Reverse Current (Note 2)
IR
-
25
nA
VR = 20 V
Total Capacitance
CT
-
3.50
pF
VR = 6 V, f = 1.0 MHz
Reverse Recovery Time
tRR
-
4.00
nS
VR = 6 V, IF = 5.0 mA
SOT-523
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
G
0.00
0.15
B
1.45
1.75
H
0.28
0.40
C
0.75
0.85
J
0.10
0.20
D
0.70
0.90
K
-
-
E
0.90
1.10
L
0.75
0.85
F
0.25
0.33


Similar Part No. - MMBD4448TC

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MMBD4448TCPT CHENMKO-MMBD4448TCPT Datasheet
131Kb / 2P
SWITCHING DIODE ARRAY
More results

Similar Description - MMBD4448TC

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
SCS914DSTL SECOS-SCS914DSTL_15 Datasheet
138Kb / 2P
Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL_15 Datasheet
319Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com