Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1012ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1012ERW
Description  Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1012ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1012ERW Datasheet HTML 1Page - MicroPower Direct, LLC B1012ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
Pin Connections
Single Output
(µF Max)
400
Dual Output
(µF Max)
±200
Capacitive
Load
Derating Curve
Notes:
1. Transient recovery is measured to within a 1% error band for a load
step change of 75% to 100%.
2. Output load regulation is specified for a load change of 25% to
100%.
3. When measuring output ripple, it is recommended that an external
ceramic capacitor (approx approx 1 µF to 10 µF) be placed from the
+Vout pin to the -Vout pin for single output units and from each output
to common for dual output units.
4. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
5. These converters are specified for operation without external com-
ponents. However, in some applications the addition of input/ouput
capacitors will enhance stability and reduce output ripple. Recom-
mended capacitor values are:
Vin
Input
Capacitor
Output
Capacitor
12 VDC
100 µF
100 µF per 1A of Iout
24 VDC
100 µF
100 µF per 1A of Iout
48 VDC
100 µF
100 µF per 1A of Iout
For applications requiring very low output noise levels, a simple LC
filter should be effective.
6. Dual output units may be connected to provide a 10V, 24V or 30 VDC
output. To do this, connect the load across the positive (+Vout) and
negative (-Vout) outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply
for protection. See the Model Selection table above for the correct
rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
B1001ERW
12
9.0 - 18.0
1,111
25
5
2,000
200
75
3,000
B1002ERW
12
9.0 - 18.0
1,068
25
12
832
83
78
3,000
B1003ERW
12
9.0 - 18.0
1,041
25
15
660
66
80
3,000
B1004ERW
12
9.0 - 18.0
1,157
25
±5
±1,000
±100
72
3,000
B1005ERW
12
9.0 - 18.0
1,082
25
±12
±416
±41
77
3,000
B1006ERW
12
9.0 - 18.0
1,041
25
±15
±333
±33
80
3,000
B1011ERW
24
18.0 - 36.0
555
8
5
2,000
200
75
1,500
B1012ERW
24
18.0 - 36.0
534
8
12
832
83
78
1,500
B1013ERW
24
18.0 - 36.0
520
8
15
660
66
80
1,500
B1014ERW
24
18.0 - 36.0
563
8
±5
±1,000
±100
74
1,500
B1015ERW
24
18.0 - 36.0
508
8
±12
±416
±41
82
1,500
B1016ERW
24
18.0 - 36.0
496
8
±15
±333
±33
84
1,500
B1021ERW
48
36.0 - 75.0
257
5
5
2,000
200
81
750
B1022ERW
48
36.0 - 75.0
242
5
12
830
83
86
750
B1023ERW
48
36.0 - 75.0
242
5
15
670
66
86
750
B1024ERW
48
36.0 - 75.0
264
5
±5
±1,000
±100
79
750
B1025ERW
48
36.0 - 75.0
245
5
±12
±416
±41
85
750
B1026ERW
48
36.0 - 75.0
245
5
±15
±333
±33
85
750



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com