Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1002R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B1002R
Description  10W, 5 VDC Input Compact, Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1002R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B1002R Datasheet HTML 1Page - MicroPower Direct, LLC B1002R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B1001R
5
4.5 - 5.5
2,500
30
>50
!12.0
!415
!42
78
5,000
B1002R
5
4.5 - 5.5
2,538
30
>50
!15.0
!330
!33
78
5,000
B1003R
5
4.5 - 5.5
2,669
60
>50
!18.0
!278
!28
75
5,000
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Function
1+Vin
2-Vin
3+Vout
4
Common
5-Vout
Pin Connections
µF Max
!1,000
Capacitive Load
Model Selection Guide
Notes:
1. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
2. When measuring output ripple, it is recommended that an external 0.47
µF ceramic capacitor be placed from each output (pin 3 &
pin 5) to common (pin 4).
3. Dual output units may be connected to provide a 24 VDC, 30 VDC or 36 VDC output. To do this, connect the load across the posi-
tive (+Vout) and negative (-Vout) outputs and float the output common.
55
0
20
40
60
80
100
-40
-20
0
5
15
25
35
45
65
75
85
95
105
Ambient Temperature ( C)
0.40
(10.2)
0.40
(10.2)
0.10
(2.54)
0.80
(20.3)
0.60
(15.2)
0.40
(10.2)
0.40
(10.2)
1.00
(25.4)
2.00
(50.8)
0.40
(10.2)
0.24
(6.0)
0.04
(1.0)
Bottom
Side
1
2
3
4
5
Dia
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com