Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD053 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD053
Description  0.5 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD053 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSCD053 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD053 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MSCD052 THRU MSCD054
VOLTAGE20V~40V
0.5 AMP Surface Mount Schott ky Barrier Rectifiers
0805
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power suppl
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.005 gram
*
*
*
*
*
*
*
*
*
*
*
*
*
FEATURES
y,
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
MSCD052
MSCD053
MSCD054
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 1.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25
at Rated DC Blocking Voltage Ta=100
IR
mA
RθJA
88
Unit
20
40
30
V
V
0.5
A
V
20
20
30
30
40
40
A
3
0.44
0.46
0.48
0.1
5
Typical Thermal Resistance (Note 2)
RθJA
28
/ W
Operating Temperature Range
TJ
-50 ~ +125
Storage Temperature Range
TSTG
-65 ~ +150
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
*Dimensions in inches and (millimeters)
.083(2.10)
R 0.
012
(0.3
0)
.075(1.90)
.024(0.60)
.016(0.40)
.024(0.60)
.016(0.40)
.002(0.05)
01-Jun-2002 Rev. A
Page 1 of 2
℃
℃
℃
℃
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MSCD053

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD053 ZOWIE-MSCD053 Datasheet
69Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD053 SECOS-MSCD053 Datasheet
255Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
MSCD053-C SECOS-MSCD053-C Datasheet
157Kb / 3P
0.5Amp Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD053H ZOWIE-MSCD053H Datasheet
225Kb / 2P
Schottky Barrier Diode
MSCD053RH ZOWIE-MSCD053RH Datasheet
38Kb / 2P
Schottky Barrier Diode
More results

Similar Description - MSCD053

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR002 TSC-SR002_1 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
MSCD052 SECOS-MSCD052_10 Datasheet
255Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052_15 Datasheet
244Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com