Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5232B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5232B
Description  Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5232B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5232B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5232B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5232B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Zener Diode
MMSZ52XXB Series
500mW,5% SOD-123
Electrical Characteristics @ TA=25
u
C nless otherwise specified
Zener Voltage Range (Note 1)
Maximum Zener
Impedance (Note 3)
Maximum Reverse
Leakage Current (Note 1)
VZ @ IZT
Nom
Min
Max
IZT
ZZT@IZT
VZK @ IZK
= 0.25mA
IR @ VR
Type
Number
Marking
Code
V
V
V
mA
µA
V
MMSZ5221B
C1, C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5222B
C2, C2
2.5
2.38
2.63
20
30
1250
100
1.0
MMSZ5223B
C3, C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
C5, C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B G1, G1, D1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B G2, G2, D2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B G3, G3, D3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B G4, G4, D4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B G5, G5, D5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
E1, E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
E2, E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
E3, E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
E4, E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
E5, E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
F1, F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
F2, F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
F3, F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
F4, F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
F5, F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
H1, H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
H2, H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
H3, H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
H5, H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1, J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
J3, J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
J5, J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
K1, K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
K2, K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
K4, K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
K5, K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
M1, M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257B
M2, M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3, M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
M4, M4
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. Device mount on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2.
3. f = 1 kHz
Maximum Ratings @ TA=25
unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 1) @ IF = 10 mA
VF
0.9
V
Power Dissipation
(Note 2)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air
(Note 2)
R JA
350
/ W
Operating and Storage Temperature Range
TJ , TSTG
-65 ~ +150
Notes:
1. Short duration test pulse used in minimizes self-heating effect.
2. Device mount on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5232B PANJIT-MMSZ5232B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5232B DIODES-MMSZ5232B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5232B MCC-MMSZ5232B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5232B DIOTEC-MMSZ5232B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results

Similar Description - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com