Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD202 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD202
Description  2 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD202 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MSCD202 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD202 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
100n
1u
10u
100u
1m
10m
100m
40
10
20
30
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
Ta=125
oC
75
oC
25
oC
-25
oC
0
10
1
100
10
20
30
40
1000
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
0
2
4
50
75
100
150
25
125
0
LEAD TEMPERATURE, (
oC)
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
0.0
.001
10
0.01
0.10
1.00
0.
2
0.
4
0.
6
0.
8
1.0
1.2
FORWARD VOLTAGE, (V)
FIG. 3 - FORWARD CHARACTERISTICS
Ta=25
oC
MSCD
202
MSCD
204
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
8
4
10
1
10
100
12
6
2
01-Jun-2002 Rev. A
Page
2 of 2
Elektronische Bauelemente
MSCD202 THRU MSCD204
VOLTAGE 20V ~ 40V
2 AMP Surface Mount Schottky Barrier Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com