Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RGL34K
Description  0.5AMP Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RGL34K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RGL34K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RGL34K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
RGL34A THRU RGL34M
VOLTAGE 50V ~ 1000V
0.5AMP Surface Mount Fast Recovery Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
0.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
RGL34A RGL34B
RGL34D
RGL34G RGL34J
RGL34K
RGL34M UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
0.5
30
5.0
100
15
-65
+175
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.3
250
500
150
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* Low leakage current
* High reliability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.015 grams
Dimensions in inches and (millimeters)
DO-213AA/ SOD-80/ Mini Melf
.
066(1.67)
.0
60(1.52)
.
145(3.683)
.1
31(3.327)
.02
2(.559)
.01
6(.406)
SOLDERABLE
ENDS
Operating and Storage Temperature Range TJ, TSTG
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - RGL34K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RGL34K MCC-RGL34K Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
109Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
113Kb / 2P
Surface mount diode
More results

Similar Description - RGL34K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS_1 Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
RSFAL TSC-RSFAL_11 Datasheet
198Kb / 2P
0.5AMP. Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
B0520LW LUGUANG-B0520LW Datasheet
174Kb / 2P
0.5AMP. Surface Mount Schottky Barrier Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Rectron Semiconductor
B0520LWV RECTRON-B0520LWV Datasheet
335Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com