Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2000RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B2000RU
Description  4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2000RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B2000RU Datasheet HTML 1Page - MicroPower Direct, LLC B2000RU Datasheet HTML 2Page - MicroPower Direct, LLC B2000RU Datasheet HTML 3Page - MicroPower Direct, LLC B2000RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
• 20W Output Power
• 4:1 Input Voltage Range
• Compact 1 x 2 Inch Case
• 1,600 VDC Isolation
• High Efficiency
• Single & Dual Outputs
• Remote ON/OFF
• Industry Standard Pin-Out
B2000RU
4:1 Input Range, 20W
Single & Dual Output
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
75.0
Input Filter
(Pi) Filter
Input Reflected Ripple Current
20.0
mA P - P
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
%
Line Regulation
Vin = Min to Max
±0.5
%
Load Regulation, Single Output
Iout = 0% to 100%
±0.5
%
Load Regulation, Dual Output
Iout = 0% to 100%
±1.0
%
Ripple & Noise (20 MHz) (Note 1)
75
mV P - P
Output Power Protection
120
% IOUT
Transient Recovery Time (Note 2)
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Input/Output)
3 Seconds
1,600
VDC
Isolation Voltage (Case/Input(output)
3 Seconds
1,600
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
1,200
pF
Switching Frequency
330
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
EN55022
Class A
Conducted Emissions (Note 3)
EN55022
Class A
ESD
EN6100-4-2
Criteria B
RS
EN6100-4-3
Criteria A
EFT (Note 4)
EN6100-4-4
Criteria B
Surge (Note 4)
EN6100-4-5
Criteria B
CS (Note 4)
EN6100-4-6
Criteria A
PFMF
EN6100-4-8
Criteria A
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+66
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base (UL94-V0)
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
560
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - B2000RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RUI MPD-B2000RUI Datasheet
226Kb / 2P
Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
B2000RUI MPD-B2000RUI_14 Datasheet
227Kb / 2P
B2000RUI SERIES
B2000RU MPD-B2000RU_14 Datasheet
276Kb / 4P
B2000RU SERIES
More results

Similar Description - B2000RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1000RU MPD-MA1000RU Datasheet
354Kb / 3P
4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MD900XRU MPD-MD900XRU Datasheet
895Kb / 4P
4:1 Input, 9W SIP, Single & Dual Output DC/DC Con vert ers
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com