Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2002RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B2002RU
Description  4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2002RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B2002RU Datasheet HTML 1Page - MicroPower Direct, LLC B2002RU Datasheet HTML 2Page - MicroPower Direct, LLC B2002RU Datasheet HTML 3Page - MicroPower Direct, LLC B2002RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Max
Capacitive
Load
(µF Max)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B2001RU
24
9.0 - 36.0
879
50
3.3
5,500.0
0.0
3.9
89
2,000
10,000
B2002RU
24
9.0 - 36.0
957
50
5.0
4,000.0
0.0
6.2
90
2,000
6,800
B2003RU
24
9.0 - 36.0
980
22
12.0
1,670.0
0.0
15.0
88
2,000
1,000
B2004RU
24
9.0 - 36.0
968
22
15.0
1,330.0
0.0
18.0
89
2,000
680
B2005RU
24
9.0 - 36.0
968
65
±5.0
±2000.0
0.0
±6.2
89
2,000
±2,200
B2006RU
24
9.0 - 36.0
980
25
±12.0
±835.0
0.0
±15.0
88
2,000
±470
B2007RU
24
9.0 - 36.0
980
25
±15.0
±665.0
0.0
±18.0
88
2,000
±330
B2011RU
48
18.0 - 75.0
440
30
3.3
5,500.0
0.0
3.9
89
1,500
10,000
B2012RU
48
18.0 - 75.0
413
30
5.0
4,000.0
0.0
6.2
91
1,500
6,800
B2013RU
48
18.0 - 75.0
484
15
12.0
1,670.0
0.0
15.0
89
1,500
1,000
B2014RU
48
18.0 - 75.0
484
15
15.0
1,330.0
0.0
18.0
89
1,500
680
B2015RU
48
18.0 - 75.0
484
40
±5.0
±2000.0
0.0
±6.2
89
1,500
±2,200
B2016RU
48
18.0 - 75.0
490
15
±12.0
±835.0
0.0
±15.0
88
1,500
±470
B2017RU
48
18.0 - 75.0
490
15
±15.0
±665.0
0.0
±18.0
88
1,500
±330
Notes:
1. Transient recovery is measured to within a 1% error band for a load step change of
75% to 50% to 25%.
2. Operation at no-load will not damage these units. However, they may not meet all
specifications.
3. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output.
To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs
and float the output common.
4. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
To help meet EN55022 conducted emissions requirements, a simple Pi filter
should be added externally to the input of the converter. Recommended
components (C1, C2 & L1) are shown in the diagram above.These compo-
nents should be mounted as close to the module as possible.
To meet the requiremets of EN61000-4-4, EN61000-4-5 and EN61000-4-6,
an external capacitor is required. It is recommended that the value shown in
the figure above (C3) be used.
When measuring output ripple, it is recommended that an external 1.0 µF
ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units. For
noise sensitive applications, the use of 3.3 µF capacitors (as shown in the
diagram above) will reduce the output ripple.
A positive logic Remote On/Off input (Pin 6) can be used
to control the converter. An open collector (or open
drain) switch (Q1) is placed between the control input
(Pin 6) and the -V Input (Pin 2).
If not being used, the control input should be left open.
www.micropowerdirect.com
Model Selection Guide
Remote ON/OFF
Parameter
Min
Max
Units
Supply On
3.0
12 or Open
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
5 mA Typical
Control Common
Referenced to Neg. Input (pin 2)
Recommended Input/Output Components
Page 2
Web: www.micropowerdirect.com • Email: sales@micropowerdirect.com • Tel: (781) 344 - 8226 • Fax: (781) 344 - 8481



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com