Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2016RU Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # B2016RU
Description  4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2016RU Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  B2016RU Datasheet HTML 1Page - MicroPower Direct, LLC B2016RU Datasheet HTML 2Page - MicroPower Direct, LLC B2016RU Datasheet HTML 3Page - MicroPower Direct, LLC B2016RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series
B2000RU
A simple external circuit may be used to adjust Vout on
single output models. To adjust the output DOWN, con-
nect a 5%, 3W resistor between the plus output pin and
the Vout trim pin. To adjust the output UP, connect a 5%,
3W resistor between the minus output pin and the Vout
trim pin. Resistor values are given in the chart below.
For UP/Down trimming capability, connect a 10 kW poten-
tiometer between the plus and minus outputs with the
wiper arm connected to the Vout trim pin.
Care should be taken that the maximum output power of
the unit does not exceed the maximum rating.
Output Trim (Single Output Models)
MicroPower
Direct
B2001RU, B2011RU
Trim Down
123456789
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.970
VDC
RTRIM Down =
315.932 172.257 112.528
79.806
59.153
44.930
34.539
26.616
20.374
15.330
k
Trim UP
123456789
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.630
VDC
RTRIM Up =
544.612 184.034 103.305
67.715
47.676
34.824
25.880
19.297
14.249
10.255
k
B2002RU, B2012RU
Trim Down
123456789
10
%
Vout =
4.950
4.900
4.850
4.800
4.750
4.700
4.650
4.600
4.550
4.500
VDC
RTRIM Down =
230.566 106.182
64.301
43.281
30.643
22.207
16.177
11.651
8.129
5.310
k
Trim UP
123456789
10
%
Vout =
5.050
5.100
5.150
5.200
5.250
5.300
5.350
5.400
5.450
5.500
VDC
RTRIM Up =
244.547 113.776
70.631
49.142
36.274
27.707
21.592
17.010
13.447
10.598
k
B2003RU, B2013RU
Trim Down
123456789
10
%
Vout =
11.880
11.760
11.640
11.520
11.400
11.280
11.160
11.040
10.920
10.800
VDC
RTRIM Down =
327.351 142,100
83.928
55.470
38.591
27.418
19.477
13.542
8.939
5.264
k
Trim UP
123456789
10
%
Vout =
12.120
12.240
12.360
12.480
12.600
12.720
12.840
12.960
13.080
13.200
VDC
RTRIM Up =
371.425 183.645 117.623
83.929
63.489
49.767
39.919
32.508
26.728
22.094
k
B2004RU, B2014RU
Trim Down
123456789
10
%
Vout =
14.850
14.700
14.550
14.400
14.250
14.100
13.950
13.800
13.650
13.500
VDC
RTRIM Down =
433.811 174.916 100.946
65,907
45.468
32.077
22.625
15.596
10.165
5.842
k
Trim UP
123456789
10
%
Vout =
15.150
15.300
15.450
15.600
15.750
15.900
16.050
16.200
16.350
16.500
VDC
RTRIM Up =
347.293 178.523 115.235
82.084
61.683
47.863
37.882
30.336
24.430
19.682
k
Web: www.micropowerdirect.com • Email: sales@micropowerdirect.com • Tel: (781) 344 - 8226 • Fax: (781) 344 - 8481
Page 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com