Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2002RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B2002RW
Description  Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2002RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B2002RW Datasheet HTML 1Page - MicroPower Direct, LLC B2002RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 20W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Compact 1 x 2 Inch Case
• Single & Dual Outputs
• Optional Remote ON/OFF
• Industry Standard Pin-Out
B2000RW
Compact 1 x 2 Inch 20W
Wide Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
8.6
8.8
9.0
VDC
24 VDC Input
17.0
17.5
18.0
48 VDC Input
34.0
35.0
36.0
Input Filter
(Pi) Filter (Complies with EN55022 Class “A”)
Reverse Polarity Input Current
2.0
A
Short Circuit Input Power
3,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
Vin = Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 10% to 100%
±0.1
±0.5
%
Ripple & Noise (20 MHz) (Note 1)
55
80
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Ripple & Noise (20 MHz)
10
mV rms
Output Power Protection
110
160
%
Transient Recovery Time (Note 2)
25% Load Step Change
150
300
µSec
Transient Response Deviation
±2.0
±4.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Test Voltage
Flash Tested For 1 Sec
1,650
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
1,200
1,500
pF
Switching Frequency
290
330
360
kHz
Remote On/Off (Note 3)
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
2.5
100.0
VDC
Supply Off
0.0
1.0
VDC
Standby Input Current
2
5
mA
Control Common
Referenced to Negative Input (pin 2)
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+50
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Conducted EMI
EN55022 Class “A”
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
800
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Internal Power Dissipation
All Models
4,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - B2002RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2002RW MPD-B2002RW Datasheet
287Kb / 2P
B2000RW SERIES
More results

Similar Description - B2002RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB3000ERW MPD-MB3000ERW Datasheet
804Kb / 4P
Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MB1000ERU MPD-MB1000ERU Datasheet
846Kb / 4P
Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com