Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2016RUI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B2016RUI
Description  Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2016RUI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B2016RUI Datasheet HTML 1Page - MicroPower Direct, LLC B2016RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 20W Output Power
• 4:1 Input Voltage Range
• Compact 1 x 2 Inch Case
• 2,500 VDC Isolation
• High Efficiency
• Single & Dual Outputs
• Remote ON/OFF
• Industry Standard Pin-Out
B2000RUI
Compact, High Isolation
4:1 Input Range, 20W
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
72.0
Input Filter
(Pi) Filter
Reverse Polarity Input Current
2.0
A
Short Circuit Input Power
3,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
%
Line Regulation
Vin = Min to Max
±0.5
%
Load Regulation, Single Output
Iout = 0% to 100%
±0.5
%
Load Regulation, Dual Output
Iout = 0% to 100%
±1.0
%
Ripple & Noise (20 MHz) (Note 1)
75
mV P - P
Output Power Protection
120
%
Transient Recovery Time (Note 2)
25% Load Step Change
250
µSec
Transient Response Deviation
±3.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Input/Output)
60 Seconds
2,500
VDC
Isolation Voltage (Case/Input(output)
1,600
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
1,200
pF
Switching Frequency
330
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+50
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base (UL94-V0)
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
560
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
°C
Internal Power Dissipation
All Models
4,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - B2016RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2016RUI MPD-B2016RUI Datasheet
227Kb / 2P
B2000RUI SERIES
More results

Similar Description - B2016RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
Compact, 25W, 2:1 Input Range DC/DC Converters
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
20W 2.5KV Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
MI2000SERU MPD-MI2000SERU Datasheet
1Mb / 6P
Wide 4:1 Input, 20W Miniature 1 x 1 DC/DC Converters
logo
Toppower Electronic Tec...
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU_19 Datasheet
195Kb / 4P
20W 3KVAC Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
20W 4KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com