Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2011RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B2011RW
Description  Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2011RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B2011RW Datasheet HTML 1Page - MicroPower Direct, LLC B2011RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B2001RW
12
9.0 - 18.0
1,358
30
50
3.3
4,000.0
240.0
3.9
81
470
4,000
B2002RW
12
9.0 - 18.0
1,984
30
50
5.0
4,000.0
240.0
6.8
84
470
4,000
B2003RW
12
9.0 - 18.0
1,898
30
50
12.0
1,670.0
100.0
15.0
88
470
4,000
B2004RW
12
9.0 - 18.0
1,903
30
50
15.0
1,340.0
80.0
18.0
88
470
4,000
B2005RW
12
9.0 - 18.0
1,898
30
50
±12.0
±835.0
±50.0
±15.0
88
±220
4,000
B2006RW
12
9.0 - 18.0
1,903
30
50
±15.0
±670.0
±40.0
±18.0
88
±220
4,000
B2011RW
24
18.0 - 36.0
671
17
30
3.3
4,000.0
240.0
3.9
82
470
2,000
B2012RW
24
18.0 - 36.0
980
17
30
5.0
4,000.0
240.0
6.8
85
470
2,000
B2013RW
24
18.0 - 36.0
938
17
30
12.0
1,670.0
100.0
15.0
89
470
2,000
B2014RW
24
18.0 - 36.0
941
17
30
15.0
1,340.0
80.0
18.0
89
470
2,000
B2015RW
24
18.0 - 36.0
938
17
30
±12.0
±835.0
±50.0
±15.0
89
±220
2,000
B2016RW
24
18.0 - 36.0
941
17
30
±15.0
±670.0
±40.0
±18.0
89
±220
2,000
B2021RW
48
36.0 - 75.0
335
10
20
3.3
4,000.0
240.0
3.9
82
470
1,000
B2022RW
48
36.0 - 75.0
490
10
20
5.0
4,000.0
240.0
6.8
85
470
1,000
B2023RW
48
36.0 - 75.0
469
10
20
12.0
1,670.0
100.0
15.0
89
470
1,000
B2024RW
48
36.0 - 75.0
471
10
20
15.0
1,340.0
80.0
18.0
89
470
1,000
B2025RW
48
36.0 - 75.0
469
10
20
±12.0
±835.0
±50.0
±15.0
89
±220
1,000
B2026RW
48
36.0 - 75.0
471
10
20
±15.0
±670.0
±40.0
±18.0
89
±220
1,000
Model Selection Guide
Mechanical Dimensions
Heatsink Notes:
• Use of the heatsink will extend the units operating temperature
range by approximately 10°C.
• The heatsink is black anodized aluminum.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Heatsink Dimensions (Optional)
For heatsink option, add suffix “H” to model number (i.e. B2003RW-H)
www.micropowerdirect.com
For Remote Control option, add suffix “R” to model number (i.e. B2003RW-R)
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Comm.
5
-Vout
-Vout
6
ON/OFF ON/OFF
Pin Connections
Derating Curve
Notes:
1. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed from
the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. The maximum control current at the on/off pin (pin 6) during a logic high is 5 µA.The maximum control current
to the on/off pin at logic low is -100 µA. If the on/off pin is left open, the unit operates. If it is grounded, the
unit will shut off.
4. Operation at no-load will not damage these units. However, they may not meet all specifications.
5. Dual output units may be connected to provide a 24 VDC or 30 VDC output.To do this, connect the load across
the positive (+Vout) and negative (-Vout) outputs and float the output common.
6. The converter should be connected to a low ac-impedance source. An input source with a highly inductive
impedance may affect the stability of the converter. In applications where the converter output loading is high
and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure
start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor be mounted close to the
converter. For 12V input units, a 22.0 µF is recommended; for 24V & 48V units a 6.8 µF.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for
the correct rating.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com