Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5JLM2931 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S5JLM2931
Description  100mA CMOS Low Dropout Adjustable Voltage Regula tor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S5JLM2931 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S5JLM2931 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S5JLM2931 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S5JLM2931 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S5JLM2931 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Input Voltage
Input Voltage t 100ms
Current
Output
Storage Temperature
Junction Temperature
Parameter
Symbol
Ratings
Unit
V
mA
V
C
VI
VI(T)
RθJA
-15~40
-50~60
-40~+125
100
-60~+150
o
Resistance Junction-Ambient
IO
TSTG
Tj
102
C
o
C
o
Absolute Maximum Ratings
/W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 4
Elektronische Bauelemente
S5JLM2931
100mA CMOS
Low Dropout Adjustable Voltage Regulator
Definition of Terms
Dropout Voltage: The input-output voltage differential at which the circuit ceases to regulate against further reduction in input voltage.
Measured when the output voltage has dropped 100mV from the normal voltage obtained at 14V input, dropout voltage is dependent
upon load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminals with respect to ground.
Input-Output Differential: The Voltage difference between the unregulated input voltage and the regulated output voltage for which the
regulator will operate.
Line Regulation: The change in output voltage for a change in the input voltage. The measurement is made under conditions of low
dissipation or by usung pulse techniques such that the average chip temperature is not significantly affected.
Load Regulation: The change in output voltage for a change in load current at constant chip temperature.
Long Term Stability: Output voltage stability under accelerated life-test conditions after 1000 hours with max. rate voltage and junction
temperature.
Output Noise Voltage: The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range.
Quiescent Current: That part of the positive input current that does not contribute to the positive load current. The regulator ground
lead current.
Ripple Rejection: The ratio of the peak-of-peak input ripple voltage to the peak-of-peak output ripple voltage at a specified frequency.
of
Electrical Characteristics
VIN=14V, VOUT=3V, IO=10mA, TJ=25 : , Ci=0.1uF, Co=100uF, R1=27k (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IO=10mA
1.14
1.20
12.6
V
Reference voltage
VREF IO 100mA, -40 : TJ 125 :
Measure from VOUT to Adj Pin
1.08
1.32
V
Output voltage
VOUT
3
24
V
Line regulation
RegLine VOUT+0.6V VIN 26V
-
-
1.5
mV/V
Load regulation
RegLoad 5mA IO 100mA
-
-
1.0
%
IO=10mA
-
-
1.0
IO=100mA
-
6
-
Consumption current
IB
Output is “off” (Vth(OI)=2.5V)
-
-
1.0
mA
Adjustment current
IAdj
-
0.2
-
uA
Dropout voltage
Vds
IO=10mA
IO=100mA
-
-
0.2
0.6
V
Output Impedance
ZO
IO=1mA, f=10Hz~100kHz
-
40
-
m /V
Noise voltage on output
Vn
f=10Hz~100kHz
-
140
-
mV/V
Pulse-smoothing ratio
RR
f=120Hz
0.1
-
-
%/V
Temporary unstability of
output voltage
S
-
0.4
-
%/1000hr
Maximum input voltage
threshold
Vth(OV)
26
-
40
V
Output voltage at
negative input voltage
-VO
VIN=-15V
-0.3
-
-
V
Output is “ON”
-
-
1.9
Voltage threshold of
disconnection output
Vth(OI)
Output is “OFF”
2.5
-
-
V
Disconnection output
current
Ith(OI) Vth(OI)=2.5V
-
-
50
uA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com