Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S62FP Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S62FP
Description  CMOS Positive Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S62FP Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S62FP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH S62FP Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01-Jun-2002 Rev. A
Page
3 of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
S
62FP-30 VOUT (T) =3.0V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note2)
VIN=4.0V, IOUT=40mA
2.940
3.000
3.060
V
Max. Output Current
IOUT max
VIN=4V, VOUT(E) 2.7V
150
-
-
mA
Load Stability
VOUT
VIN=4V, IOUT=1mA to 80mA
-
45
90
mV
Vdif1
IOUT=80mA
-
180
360
Input-Output
Voltage Differential (Note3)
Vdif2
IOUT=160mA
-
400
700
mV
Supply Current
ISS
VIN=4V
-
2.0
4.5
A
Input Stability
VOUT
VIN*VOUT
IOUT=40mA
VIN=4V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
S
62FP-20 VOUT (T) =2.0V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note2)
VIN=3.0V, IOUT=40mA
1.960
2.000
2.040
V
Max. Output Current
IOUT max
VIN=3V, VOUT(E) 1.8V
100
-
-
mA
Load Stability
VOUT
VIN=3V, IOUT=1mA to 60mA
-
45
90
mV
Vdif1
IOUT=60mA
-
180
360
Input-Output
Voltage Differential (Note3)
Vdif2
IOUT=120mA
-
400
700
mV
Supply Current
ISS
VIN=3V
-
2.0
4.5
A
Input Stability
VOUT
VIN*VOUT
IOUT=40mA
VIN=3V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
Test Circuit
Circuit1
Circuit2
S62FP
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com