Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBAS16 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBAS16
Description  High-Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBAS16 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBAS16 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBAS16 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SBAS16
High-Speed
Switching Diode
* The SBAS16 is designed for high-speed switching
Description
application in hybrid thick and thin-film circuits.
* The devices is manufactured by the silicon epitaxial
planar process and packed in a plastic surface
mount package.
Marking
01-Jun-2002 Rev. A
Page 1 of 2
Reverse Voltage
Tj, Tstg
PD
VR
VRR
IF
IFR
IFSM
Symbol
C
1000
250
500
200
-65~+150
Operating Junction and Storage Temperature Range
Forward Current
Repetitive Forward Current
Forward Surge Current (1ms)
Total Power Dissipation
C
o
Repetitive Reverse Voltage
Parameter
Ratings
Unit
mA
V
V
mW
mA
mW
75
85
Absolute Maximum Ratings at TA = 25 o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A6
Dim
Min
Max
A
2.70
3.10
B
1.40
1.60
C
1.00
1.30
D
0.35
0.50
G
1.70
2.10
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.40
2.80
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
-
Characteristics at TA = 25 ::::
Characteristic
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
75
-
V
IR=100uA
VF(1)
-
715
mV
IF=1mA
VF(2)
-
855
mV
IF=10mA
VF(3)
-
1000
mV
IF=50mA
Forward Voltage
VF(4)
-
1250
mV
IF=150mA
Reverse Current
IR
-
1
uA
VR=75V
Total Capacitance
CT
2
pF
VR=0, f=1MHz
Reverse Recovery Time
Trr
-
6
nS
IF=IR=10mA, RL=100 Ł measured at IR=1mA
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SBAS16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS16DXV6T1G ONSEMI-SBAS16DXV6T1G Datasheet
143Kb / 5P
Dual Switching Diode
October, 2011 ??Rev. 3
SBAS16DXV6T1G ONSEMI-SBAS16DXV6T1G Datasheet
67Kb / 5P
Dual Switching Diode
August, 2015 ??Rev. 5
SBAS16H ONSEMI-SBAS16H Datasheet
60Kb / 4P
Switching Diode
April, 2016 ??Rev. 12
SBAS16HT1G ONSEMI-SBAS16HT1G Datasheet
95Kb / 4P
Switching Diode
June, 2013 ??Rev. 10
SBAS16HT1G ONSEMI-SBAS16HT1G Datasheet
60Kb / 4P
Switching Diode
April, 2016 ??Rev. 12
More results

Similar Description - SBAS16

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com