Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCR103S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBCR103S
Description  VOLTAGE 200V ~ 1000V 1.0AMP Miniature Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBCR103S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBCR103S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBCR103S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SBCR103S THRU SBCR107S
VOLTAGE 200V ~ 1000V
1.0AMP Miniature Surface Mount Bridge Rectifier
s
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Apr.-2005 Rev. A
Page 1 of 2
Case : SBCR
0.213(5.40)
*Dimensions in inches and (millimeters)
0.132(3.35)
0.051(1.30)
0.043(1.10)
0.128(3.25)
0.037(0.95)
0.033(0.85)
R
0.
2
0.205(5.20)
~
~
* Internal constructure with GPRC (glass passivated rectifier chip)
* RoHS Compliant
* Lead less chip form , no lead damage
* Solder joint , no wire bond & lead frame
* Low power loss , High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
* Low profile package
* For surface mounted applications
* Built-in strain relief
* High surge capability
Classification 94V-0
FEATURES
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Tin plated, solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.07 gram
Absolute Maximum Ratings
o
(Ta = 25 C unless otherwise specified)
VRRM
VRMS
VDC
SBCR103S
104S
105S
106S
107S
SBCR
SBCR
SBCR
SBCR
200
140
200
400
280
400
600
420
600
1.0
30
0.9
1.0
5
200
3.74
25
110
800
560
800
1000
700
1000
V
V
V
A
A
µA
IF(AV)
IFSM
TJ,TSTG
-55 to +175
8.3ms single half sine-wave
Superimposed on rated load (JEDEC method)
ITEM
Max. Average Forward Rectified Current
@ TA = 55 C
Symbol
Unit
Peak forward surge current
Operating junction and storage
temperature Range
Max. repetitive peak reverse voltage
Max. RMS voltage
Max. DC blocking voltage
Electrical Characteristics
VF
V
pF
C / W
Forward voltage
IF = 0.4 A
IF = 1.0 A
@TC = 25 C
@TC = 150 C
R
θ(JA)
Thermal resistance
Cj
Typical junction capacitance per element
(NOTE 1)
IR
Max. DC reverse current
at rated DC blocking voltage
I2t
A
2s
Current squared time for fusing (t < 8.3 ms)
NOTES :
Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
(2)
(1)
o
o
o
o
C
o
MECHANICAL DATA
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - SBCR103S

ManufacturerPart #DatasheetDescription
logo
France Joint
SBC FRANCEJOINT-SBC Datasheet
431Kb / 4P
STANDARD SHAFT SEALS
logo
TE Connectivity Ltd
SBC / SBCHE TEC-SBC / SBCHE Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Tyco Electronics
SBC-11 MACOM-SBC-11 Datasheet
194Kb / 3P
Type SBC (Square Ceramic) Series
SBC-11 MACOM-SBC-11 Datasheet
199Kb / 3P
Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBC-11 TEC-SBC-11 Datasheet
199Kb / 3P
High Power Resistor
More results

Similar Description - SBCR103S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB105 SECOS-MB105 Datasheet
117Kb / 2P
1.0AMP Single Phase Surface Mount Bridge Rectifiers
TB2S SECOS-TB2S Datasheet
263Kb / 2P
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Taiwan Memory Technolog...
S1D-K TMT-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1DLW TMT-S1DLW_16 Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
RS1DLW TSC-RS1DLW Datasheet
201Kb / 4P
1A, 200V - 1000V Surface Mount Fast Recovery Rectifiers
S1D-K TSC-S1D-K Datasheet
363Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S1D-T TSC-S1D-T Datasheet
377Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
S15DLW TSC-S15DLW Datasheet
470Kb / 5P
1.5A, 200V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com