Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D100R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D100R
Description  Tightly Regulated Miniature, 1W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D100R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D100R Datasheet HTML 1Page - MicroPower Direct, LLC D100R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load
change of 20% to 100%.
2. When measuring output ripple, it is recommended
that an external ceramic capacitor (approx 10 μF)
be placed from the +Vout pin to the -Vout pin.
3. The 5V, 12V and 24V input units do not require
external components to operate, but the use of an
input capacitor (10 μF) may enhance performance
in some applications. An output capacitor (1.0 μF
to 10 μF) may be used to reduce ripple. The 48V
input models require an input capacitor of 4.7 μF
to 47 μF (dependent upon the application).
4. It is recommended that a fuse be used on the input
of a power supply for protection. See the table
above for the correct rating.
Derating Curve
g
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on
the side of the unit
Model Selection Guide
Mechanical Dimensions
Pin Connections
(μF Max)
220
Capacitive
Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101R
5
4.5 - 5.5
322
28
3.3
200.0
20.0
62
500
D102R
5
4.5 - 5.5
298
28
5.0
200.0
20.0
67
500
D103R
5
4.5 - 5.5
298
26
9.0
111.0
11.0
67
500
D104R
5
4.5 - 5.5
285
26
12.0
83.0
9.0
70
500
D105R
5
4.5 - 5.5
285
38
15.0
66.0
7.0
70
500
D111R
12
10.8 - 13.2
136
16
3.3
200.0
20.0
61
200
D112R
12
10.8 - 13.2
128
16
5.0
200.0
20.0
65
200
D113R
12
10.8 - 13.2
124
16
9.0
111.0
11.0
67
200
D114R
12
10.8 - 13.2
119
16
12.0
83.0
9.0
70
200
D115R
12
10.8 - 13.2
119
16
15.0
66.0
7.0
70
200
D121R
24
21.6 - 26.4
66
9
3.3
200.0
20.0
63
100
D122R
24
21.6 - 26.4
61
9
5.0
200.0
20.0
68
100
D123R
24
21.6 - 26.4
65
9
9.0
111.0
11.0
68
100
D124R
24
21.6 - 26.4
59
9
12.0
83.0
9.0
70
100
D125R
24
21.6 - 26.4
59
9
15.0
66.0
7.0
70
100
D131R
48
44.0 - 52.0
33
7
3.3
200.0
20.0
63
100
D132R
48
44.0 - 52.0
32
7
5.0
200.0
20.0
65
100
D133R
48
44.0 - 52.0
32
7
9.0
111.0
11.0
67
100
D134R
48
44.0 - 52.0
30
7
12.0
83.0
9.0
70
100
D135R
48
44.0 - 52.0
30
7
15.0
66.0
7.0
70
100
Pin
Function
1+Vin
2-Vin
4
-Vout
6
+Vout
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com