Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD52 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD52
Description  VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD52 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD52 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD52 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD52 THRU SCD5100
VOLTAGE 20V ~ 100V
5.0 AMP Surface Mount Schottky Barrier Rectifiers
2114
FEATURES
*
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
*
Low profile package
*
Built-in strain relief
*
Metal to silicon rectifier , majority carrier conduction
*
Low power loss , High efficiency
*
High current capability
*
High surge capacity
*
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder Tin plated (Lead-Free) , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
*
RoHS Compliant Product
*
*
*
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
100
V
Working Peak Reverse Voltage
VRMS
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
120
A
Maximum Instantaneous Forward Voltage at
5.0A (Note1)
VF
0.5
5
0.70
0.85
V
Maximum DC Reverse Current (Note1) Ta=25℃
0.5
at Rated DC Blocking Voltage Ta=100℃
IR
20
10
mA
RθJA
55
Typical Thermal Resistance (Note 2)
RθJL
17
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
R0.02(0.70
0.049(1.25)
0.041(1.05)
0.055(1.40)
0.037(0.95)
.208(5.30)
.002(0.05)
.200(5.10)
0.049(1.25)
0.041(1.05)
* Dimensions in inches and (millimeters)
SCD52
SCD54
SCD56
SCD5100
UNITS
01-Jun-2004 Rev.
C
Page 1 of 2
℃
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD52

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
5.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCD52

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM5100A SECOS-SM5100A Datasheet
425Kb / 2P
Voltage 100V 5.0 Amp Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com