Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS140P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS140P
Description  VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS140P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS140P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS140P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS120P THRU SCS1100P
VOLTAGE 20 V ~ 100 V
1.0 A Schottky Barrier Rectifiers
01-June-2008 Rev. E
Page 2 of 2
http://www.SeCoSGmbH.com
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
Average Forward Rectified Current - Amperes versus
Juntion Temperature -
°C
0
.2
.4
.6
°C
150
.8
1.0
1.2
1
100
4
0
10
20
30
8
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
210 20
60 80
40
40
50
4
6
20
10
.01
.02
.04
.06
.1
.2
.4
.6
1
2
Instantaneous Forward Current - Ampsperes versus
Instantaneous Forward Voltage - Volts
FIG.1 TYPICAL FORWARD CHARACTERISTICS
Amps
0
.4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
0
50
75
100
125
175
FIG.4-PEAK FORWARD SURGE CURRENT
FIG.3-FORWARD DERATING CURVE
°C
T =
Volts
J 25
1
2
6
10
20
60
40
4
pF
.1 2
4
1
10 20 40
100 200 400 1000
FIG.2-JUNCTION CAPACITANCE
Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com