Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS220P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS220P
Description  2.0 A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS220P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS220P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS220P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS220P THRU SCS240P
VOLTAGE 20 V ~ 40 V
2.0 A Schottky Barrier Rectifiers
01-June-2008 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.25
------
0.049
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING CODE
SCS220P
SJ
SCS230P
SK
SCS240P
SL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS220P
SCS230P
SCS240P
UNITS
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Average Forward Current @TJ=25°C
IF(AV)
2.0
A
Peak Forward Current @ 8.3 ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
VF @ IFM = 0.5 A, TA = 25°C
VF @ IFM = 1.0 A, TA = 25°C
VF @ IFM = 2.0 A, TA = 25°C
VF
0.38
0.45
0.65
0.40
0.47
0.68
0.42
0.50
0.72
V
Maximum DC Reverse Current
At Rated DC Blocking Voltage @ TJ = 25°C
IR
1
mA
Typical Junction Capacitance
CJ
215
pF
Operating Temperature Range
TJ
-50 ~ + 125
°C
Storage temperature
TSTG
-65 ~ + 150
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2. Thermal Resistance Junction to Ambient.


Similar Part No. - SCS220P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS220P-C SECOS-SCS220P-C Datasheet
97Kb / 2P
2A Schottky Barrier Rectifiers
SCS220P SECOS-SCS220P_15 Datasheet
183Kb / 2P
2.0 A Schottky Barrier Rectifiers
More results

Similar Description - SCS220P

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR220 JGD-SR220 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
2.0 Ampere Schottky Barrier Rectifiers
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200B SECOS-SM2200B Datasheet
180Kb / 2P
2.0 A Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR202 TSC-SR202_10 Datasheet
558Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS220P SECOS-SCS220P_15 Datasheet
183Kb / 2P
2.0 A Schottky Barrier Rectifiers
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com