Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS355T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS355T
Description  SurfaceMount Swiching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS355T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS355T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS355T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SCS355T
SurfaceMount Swiching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0.086(2.2)
0.071(1.8)
Cathode Band
0.057(1.45)
0.041(1.05)
0.026(0.65)
0.010(0.25)
0.037(0.95)
0.029(0.75)
Recommended Pad Layout
0.02(0.51)
0.055(1.4)
0805
0.048(1.22)
Dimensions in inches and(millimeters)
Features
Designed for mounting on small surface
High speed
High mounting capability,strong surge withstand,
high reliability
Mechanical data
Case : 0805/SOD-323
T Molded plastic
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse v oltage
VRM
90
V
Continuous revers e voltage
VR
80
V
Mean rectify ing current
IO
100
mA
Forw ard sur ge curr ent
1 sec. s ingle half sine-w ave super imposed on
rate load (JEDECmethode)
IFSM
225
mA
Power dissipation
P
d
350
mW
Storage temperature
TJ
+125
oC
Operating temperature
TSTG
-55
+125
oC
ELECTRICAL CHARACTERISTICS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forw ard voltage
IF = 100 mA DC
VF
0.93
1.
20
V
Reverse c urrent
VR = 75 V
IR
0.02
1
uA
Capacitance betw een terminals
f=1MHz and applied 0VDCrever se voltage
CT
3
pF
Reverse rec overy time
VR=6V, IF=10mA, RL=50
trr
4
nS
RoHS Compliant Product
01-Jun-2002 Rev. C
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS355T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS355V SECOS-SCS355V Datasheet
156Kb / 2P
Surface Mount Switching Diode
SCS355V SECOS-SCS355V_15 Datasheet
228Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - SCS355T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK13H90A1 TOSHIBA-TK13H90A1 Datasheet
238Kb / 6P
Swiching Regulator Applications
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
SILICON SWICHING DIODE
2PB709A KEXIN-2PB709A Datasheet
40Kb / 2P
SILICON SWICHING DIODE
BAS16-03W KEXIN-BAS16-03W Datasheet
36Kb / 2P
SILICON SWICHING DIODE
logo
Toshiba Semiconductor
TK80F08K3 TOSHIBA-TK80F08K3 Datasheet
220Kb / 7P
Swiching Regulator
2SK4207 TOSHIBA-2SK4207 Datasheet
215Kb / 6P
Swiching Regulator Applications
logo
SHENZHEN YONGERJIA INDU...
1SS133 WINNERJOIN-1SS133 Datasheet
125Kb / 3P
High-speed swiching diode
logo
Toshiba Semiconductor
TJ20A10M3 TOSHIBA-TJ20A10M3 Datasheet
303Kb / 6P
Swiching Regulator Applications
logo
Johanson Technology Inc...
500R15N101JV4E JOHANSON-500R15N101JV4E Datasheet
284Kb / 3P
250Rxx Surfacemount Ceramic MLCC
logo
Inchange Semiconductor ...
1SS355 ISC-1SS355 Datasheet
265Kb / 2P
Swiching Diode
2023-9-7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com