Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS355V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS355V
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS355V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS355V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS355V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS355V
Surface Mount Switching Diode
FEATURES
. RoHS Compliant Product
. Designed for Mounting on Small Surface
. High Speed
. High Mounting Capability, Strong Surge Withstand,
High Reliability
MECHANICAL DATA
. Case: SOD-323L Molded Plastic
. Terminals: Solder Plated, solderable MIL-STD-750,
Method 2026
Dimensions in inch (mm)
SOD-323L
0.063 (1.60)
0.071 (1.80)
0.045 (1.15)
0.053 (1.35)
0.002 (0.05)
0.010 (0.25)
0.010 (0.25)
0.016 (0.40)
0.091 (2.3)
0.110 (2.8)
0.031 (0.80)
0.043 (1.10)
. Polarity: Indicated by Cathode Band
. Weight: 0.006 grams (approx.)
. Mounting Position: Any
MAXIMUM RATINGS ( at Ta
=25 C
O
unless otherwise noted )
PARAMETER
CONDITIONS
SYMBOL
Min.
Typ.
Max.
UNIT
Repetitive Peak Reverse Voltage
VRM
100
V
Continuous Reverse Voltage
VR
80
V
Mean Rectifying Current
IO
100
mA
1 sec. single half sine-wave superimposed
Forward Surge Current
on rate load (JEDEC method)
IFSM
500
mA
Power Dissipation
Pd
350
mW
Operating Temperature
TJ
+125
Storage Temperature
TSTG
-55
+125
C
C
Storage Humidity
RH
45
%
ELECTRICAL CHARACTERISTICS (at Ta=25
unless otherwise noted )
PARAMETER
CONDITIONS
SYMBOL
Min.
Typ.
Max.
UNIT
Forward Voltage
IF = 100mA
VF
0.93
1.20
V
Reverse Current
VR = 75 V
IR
0.02
0.1
µA
Capacitance Between Terminals
f = 1 MHz and Applied 0V DC Reverse Voltage
CT
3
pF
Reverse Recovery Time
VR = 6 V, IF = 10 mA, RL = 50
trr
4
ns
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. C
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS355V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS355V SECOS-SCS355V_15 Datasheet
228Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - SCS355V

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com