Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D205 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D205
Description  Single & Dual Output Miniature, 2W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D205 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D205 Datasheet HTML 1Page - MicroPower Direct, LLC D205 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the side of the unit
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. These units do not require external components to operate, but the use of an input capacitor (10 µF)
may enhance performance in some applications. It is recommended that an input capacitor of 4.7 µF
to 47µF (dependent upon the application) be used on 48V input model.
An output capacitor (4.7 µF to 220 µF or ±4.7 µF to ±100 µF) may be used to reduce ripple. To improve
EMI performance, a simple filter network consisting of a 10 µF to 100 µF capacitor and 12 µH inductor
should be effective.
3. These units will operate at no load without damage, but may not meet all specifications.
4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the
load across the positive (+Vout) and negative (-Vout) outputs and float the output common.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Other input/output combinations are available
(i.e. 24.0 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Single Output
(µF Max)
Dual Output
(µF Max)
470
±220
Capacitive Load
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
D201
5
4.5 - 5.5
367
30
3.3
400.0
10.0
20
72
1,000
D202
5
4.5 - 5.5
512
30
5.0
400.0
8.0
10
78
1,000
D203
5
4.5 - 5.5
500
30
12.0
165.0
3.5
10
82
1,000
D204
5
4.5 - 5.5
500
30
15.0
133.0
2.7
10
82
1,000
D205
5
4.5 - 5.5
555
30
±5.0
±200.0
±4.0
10
72
1,000
D206
5
4.5 - 5.5
512
30
±12.0
±83.3
±1.7
10
78
1,000
D207
5
4.5 - 5.5
500
30
±15.0
±66.6
±1.4
10
80
1,000
D211
12
10.8 - 13.2
169
20
3.3
400.0
10.0
20
65
500
D212
12
10.8 - 13.2
216
20
5.0
400.0
8.0
10
77
500
D213
12
10.8 - 13.2
203
20
12.0
165.0
3.5
10
82
500
D214
12
10.8 - 13.2
203
20
15.0
133.0
2.7
10
82
500
D215
12
10.8 - 13.2
222
20
±5.0
±200.0
±4.0
10
75
500
D216
12
10.8 - 13.2
203
20
±12.0
±83.3
±1.7
10
82
500
D217
12
10.8 - 13.2
203
20
±15.0
±66.6
±1.4
10
82
500
D221
24
21.6 - 26.4
76
10
3.3
400.0
10.0
20
72
200
D222
24
21.6 - 26.4
105
10
5.0
400.0
8.0
10
79
200
D223
24
21.6 - 26.4
102
10
12.0
165.0
3.5
10
80
200
D224
24
21.6 - 26.4
101
10
15.0
133.0
2.7
10
82
200
D225
24
21.6 - 26.4
111
10
±5.0
±200.0
±4.0
10
75
200
D226
24
21.6 - 26.4
101
10
±12.0
±83.3
±1.7
10
82
200
D227
24
21.6 - 26.4
101
10
±15.0
±66.6
±1.4
10
82
200
D231
48
43.2 - 52.8
45
6
3.3
400.0
10.0
20
60
100
D232
48
43.2 - 52.8
54
6
5.0
400.0
8.0
10
77
100
D233
48
43.2 - 52.8
53
6
12.0
165.0
3.5
10
78
100
D234
48
43.2 - 52.8
53
6
15.0
133.0
2.7
10
78
100
D235
48
43.2 - 52.8
57
6
±5.0
±200.0
±4.0
10
73
100
D236
48
43.2 - 52.8
52
6
±12.0
±83.3
±1.7
10
80
100
D237
48
43.2 - 52.8
52
6
±15.0
±66.6
±1.4
10
80
100
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com