Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D201ED Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D201ED
Description  Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D201ED Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D201ED Datasheet HTML 1Page - MicroPower Direct, LLC D201ED Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
Derating Curve
g
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external ceramic
capacitor (approx approx 1
µF to 10 µF) be placed from each output to
common.
3. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
4. These converters are specified for operation without external components.
However, in some applications the addition of input/ouput capacitors will
enhance stability and reduce output ripple. Recommended capacitor values
are:
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7
µF
5 VDC
4.7
µF
12 VDC
2.2
µF
9 VDC
2.2
µF
24 VDC
1.0
µF
12 VDC
1.0
µF
15 VDC
0.47
µF
For applications requiring very low output noise levels, a simple LC filter
should be effective.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Model
Number
Input
Output 1
Output 2
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201ED
5
4.5 - 5.5
500
30
5.0
200.0
20.0
5.0
200.0
20.0
80
1,000
D202ED
5
4.5 - 5.5
487
30
9.0
112.0
12.0
9.0
112.0
12.0
82
1,000
D203ED
5
4.5 - 5.5
487
30
12.0
83.0
9.0
12.0
83.0
9.0
82
1,000
D204ED
5
4.5 - 5.5
481
30
15.0
67.0
7.0
15.0
67.0
7.0
83
1,000
D211ED
12
10.8 - 13.2
208
12
5.0
200.0
20.0
5.0
200.0
20.0
80
500
D212ED
12
10.8 - 13.2
201
12
9.0
112.0
12.0
9.0
112.0
12.0
83
500
D213ED
12
10.8 - 13.2
196
12
12.0
83.0
9.0
12.0
83.0
9.0
85
500
D214ED
12
10.8 - 13.2
201
12
15.0
67.0
7.0
15.0
67.0
7.0
83
500
D221ED
24
21.6 - 26.4
102
7
5.0
200.0
20.0
5.0
200.0
20.0
81
250
D222ED
24
21.6 - 26.4
101
7
9.0
112.0
12.0
9.0
112.0
12.0
82
250
D223ED
24
21.6 - 26.4
99
7
12.0
83.0
9.0
12.0
83.0
9.0
84
250
D224ED
24
21.6 - 26.4
99
7
15.0
67.0
7.0
15.0
67.0
7.0
84
250
Pin
Function
1+Vin
2-Vin
4
-Vout 1
5
+Vout 1
6
-Vout 2
7
+Vout 2
Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com