Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS421D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS421D
Description  Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS421D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS421D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS421D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS421D
0.1 A, 40 V
Surface Mount Schottky Barrier Rectifiers
01-June-2005 Rev. B
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
3
Cathode
1
Anode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS AND FEATURES
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and ESD Protection
PACKAGE INFORMATION
Case: Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Mounting Position: Any
Polarity: See the center diagram
Weight: 0.0123 g (approximately)
MARKING CODE
LV6
¯
ABSOLUTE MAXIMUM RATINGS (at T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRPS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current
at 8.3 m Sec single half sine-wave
IFSM
1.0
A
Maximum Average Forward Rectified Current
IO
0.1
A
Typical Junction Capacitance between Terminal
CJ
6.0
pF
Total Power Dissipation
PD
225
mW
Junction, Storage Temperature
TJ, TSTG
+125, -40 ~ +125
℃
Note: 60Hz for 1
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VF(1)
-
0.55
-
V
IF(1) = 100mA
Maximum Instantaneous Forward Voltage
VF(2)
-
0.34
-
-
IF(2) = 10mA
Maximum Average Reverse Current
IR
-
30.0
-
uA
VR = 10V
Junction capacitance between terminals
CJ
-
6.0
-
pF
Note: ESD sensitive product handling required.
SC-59
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50


Similar Part No. - SCS421D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS421D SECOS-SCS421D Datasheet
113Kb / 1P
Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS421DS WILLAS-SCS421DS Datasheet
448Kb / 4P
Plastic-Encapsulate Diodes FAST SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
SCS421D SECOS-SCS421D_11 Datasheet
113Kb / 1P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS421D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com